Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 33 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 33 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 29Page - Dallas Semiconductor DS2155L Datasheet HTML 30Page - Dallas Semiconductor DS2155L Datasheet HTML 31Page - Dallas Semiconductor DS2155L Datasheet HTML 32Page - Dallas Semiconductor DS2155L Datasheet HTML 33Page - Dallas Semiconductor DS2155L Datasheet HTML 34Page - Dallas Semiconductor DS2155L Datasheet HTML 35Page - Dallas Semiconductor DS2155L Datasheet HTML 36Page - Dallas Semiconductor DS2155L Datasheet HTML 37Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 238 page
background image
DS2155
33 of 238
5. PARALLEL PORT
The SCT is controlled by either a nonmultiplexed (MUX = 0) or a multiplexed (MUX = 1) bus through an
external microcontroller or microprocessor. The SCT can operate with either Intel or Motorola bus timing
configurations. If the BTS pin is connected low, Intel timing is selected; if connected high, Motorola
timing is selected. All Motorola bus signals are listed in parentheses (). See the timing diagrams in AC
Electrical Characteristics in Section 37 for more details.
5.1 Register Map
Table 5-A. Register Map Sorted by Address
ADDRESS
xxh
R/W
REGISTER NAME
SYMBOL
PAGE
00
R/W
Master Mode Register
MSTRREG
40
01
R/W
I/O Configuration Register 1
IOCR1
69
02
R/W
I/O Configuration Register 2
IOCR2
70
03
R/W
T1 Receive Control Register 1
T1RCR1
46
04
R/W
T1 Receive Control Register 2
T1RCR2
47
05
R/W
T1 Transmit Control Register 1
T1TCR1
48
06
R/W
T1 Transmit Control Register 2
T1TCR2
49
07
R/W
T1 Common Control Register 1
T1CCR1
50
08
R/W
Software Signaling Insertion Enable 1
SSIE1
93
09
R/W
Software Signaling Insertion Enable 2
SSIE2
93
0A
R/W
Software Signaling Insertion Enable 3
SSIE3
94
0B
R/W
Software Signaling Insertion Enable 4
SSIE4
94
0C
R/W
T1 Receive Digital Milliwatt Enable Register 1
T1RDMR1
52
0D
R/W
T1 Receive Digital Milliwatt Enable Register 2
T1RDMR2
52
0E
R/W
T1 Receive Digital Milliwatt Enable Register 3
T1RDMR3
52
0F
R
Device Identification Register
IDR
63
10
R/W
Information Register 1
INFO1
53
11
R
Information Register 2
INFO2
153
12
R/W
Information Register 3
INFO3
60
13
—
Unused
—
—
14
R
Interrupt Information Register 1
IIR1
42
15
R
Interrupt Information Register 2
IIR2
42
16
R/W
Status Register 1
SR1
154
17
R/W
Interrupt Mask Register 1
IMR1
155
18
R/W
Status Register 2
SR2
63
19
R/W
Interrupt Mask Register 2
IMR2
64
1A
R/W
Status Register 3
SR3
65
1B
R/W
Interrupt Mask Register 3
IMR3
66
1C
R/W
Status Register 4
SR4
67
1D
R/W
Interrupt Mask Register 4
IMR4
68
1E
R/W
Status Register 5
SR5
106
1F
R/W
Interrupt Mask Register 5
IMR5
106
20
R/W
Status Register 6
SR6
135
21
R/W
Interrupt Mask Register 6
IMR6
136
22
R/W
Status Register 7
SR7
135
23
R/W
Interrupt Mask Register 7
IMR7
136
24
R/W
Status Register 8
SR8
112



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com