Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 40 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 40 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 36Page - Dallas Semiconductor DS2155L Datasheet HTML 37Page - Dallas Semiconductor DS2155L Datasheet HTML 38Page - Dallas Semiconductor DS2155L Datasheet HTML 39Page - Dallas Semiconductor DS2155L Datasheet HTML 40Page - Dallas Semiconductor DS2155L Datasheet HTML 41Page - Dallas Semiconductor DS2155L Datasheet HTML 42Page - Dallas Semiconductor DS2155L Datasheet HTML 43Page - Dallas Semiconductor DS2155L Datasheet HTML 44Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 238 page
background image
DS2155
40 of 238
6.1 Power-Up Sequence
The DS2155 contains an on-chip power-up reset function that automatically clears the writeable register
space immediately after power is supplied to the DS2155. The user can issue a chip reset at any time.
Issuing a reset disrupts traffic flowing through the DS2155 until the device is reprogrammed. The reset
can be issued through hardware using the TSTRST pin or through software using the SFTRST function in
the master mode register. The LIRST (LIC2.6) should be toggled from 0 to 1 to reset the line interface
circuitry. (It takes the DS2155 about 40ms to recover from the LIRST bit being toggled.) Finally, after the
TSYSCLK and RSYSCLK inputs are stable, the receive and transmit elastic stores should be reset (this
step can be skipped if the elastic stores are disabled).
6.1.1 Master Mode Register
Register Name:
MSTRREG
Register Description:
Master Mode Register
Register Address:
00h
Bit #
7
6
5
4
3
2
1
0
Name
—
—
—
—
TEST1
TEST0
T1/E1
SFTRST
Default
0
0
0
0
0
0
0
0
Bit 0/Software-Issued Reset (SFTRST). A 0-to-1 transition causes the register space in the DS2155 to be cleared.
A reset clears all configuration and status registers. The bit automatically clears itself when the reset has completed.
Bit 1/DS2155 Operating Mode (T1/E1). Used to select the operating mode of the framer/formatter (digital)
portion of the 2156. The operating mode of the LIU must also be programmed.
0 = T1 operation
1 = E1 operation
Bits 2, 3/Test Mode Bits (TEST0, TEST1). Test modes are used to force the output pins of the DS2155 into
known states. This can facilitate the checkout of assemblies during the manufacturing process and also be used to
isolate devices from shared buses.
TEST1
TEST0
Effect On Output Pins
0
0
Operate normally
0
1
Force all output pins into tri-state (including all I/O pins and parallel port pins)
1
0
Force all output pins low (including all I/O pins except parallel port pins)
1
1
Force all output pins high (including all I/O pins except parallel port pins)
Bits 4 to 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com