Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 72 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 72 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 68Page - Dallas Semiconductor DS2155L Datasheet HTML 69Page - Dallas Semiconductor DS2155L Datasheet HTML 70Page - Dallas Semiconductor DS2155L Datasheet HTML 71Page - Dallas Semiconductor DS2155L Datasheet HTML 72Page - Dallas Semiconductor DS2155L Datasheet HTML 73Page - Dallas Semiconductor DS2155L Datasheet HTML 74Page - Dallas Semiconductor DS2155L Datasheet HTML 75Page - Dallas Semiconductor DS2155L Datasheet HTML 76Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 238 page
background image
DS2155
72 of 238
Bit 3/Local Loopback (LLB). In this loopback, data continues to be transmitted as normal through the transmit
side of the SCT. Data being received at RTIP and RRING are replaced with the data being transmitted. Data in this
loopback passes through the jitter attenuator. See Figure 3-2 for more details.
0 = loopback disabled
1 = loopback enabled
Bit 4/Line Interface Unit Mux Control (LIUC). This is a software version of the LIUC pin. When the LIUC pin
is connected high, the LIUC bit has control. When the LIUC pin is connected low, the framer and LIU are
separated and the LIUC bit has no effect
0 = if LIUC pin connected high, LIU internally connected to framer block and deactivate the
TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins
1 = if LIUC pin connected high, disconnect LIU from framer block and activate the
TPOSI/TNEGI/TCLKI/RPOSI/RNEGI/RCLKI pins
LIUC Pin
LIUC Bit
Condition
0
0
LIU and framer separated
0
1
LIU and framer separated
1
0
LIU and framer connected
1
1
LIU and framer separated
Bits 5 to 7/Unused, must be set to 0 for proper operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com