Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 29 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 29 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 25Page - Dallas Semiconductor DS2155L Datasheet HTML 26Page - Dallas Semiconductor DS2155L Datasheet HTML 27Page - Dallas Semiconductor DS2155L Datasheet HTML 28Page - Dallas Semiconductor DS2155L Datasheet HTML 29Page - Dallas Semiconductor DS2155L Datasheet HTML 30Page - Dallas Semiconductor DS2155L Datasheet HTML 31Page - Dallas Semiconductor DS2155L Datasheet HTML 32Page - Dallas Semiconductor DS2155L Datasheet HTML 33Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 238 page
background image
DS2155
29 of 238
4.8 Supply Pins
Signal Name:
DVDD
Signal Description:
Digital Positive Supply
Signal Type:
Supply
3.3V ±5%. Should be connected to the RVDD and TVDD pins.
Signal Name:
RVDD
Signal Description:
Receive Analog Positive Supply
Signal Type:
Supply
3.3V ±5%. Should be connected to the DVDD and TVDD pins.
Signal Name:
TVDD
Signal Description:
Transmit Analog Positive Supply
Signal Type:
Supply
3.3V ±5%. Should be connected to the RVDD and DVDD pins.
Signal Name:
DVSS
Signal Description:
Digital Signal Ground
Signal Type:
Supply
Should be connected to the RVSS and TVSS pins.
Signal Name:
RVSS
Signal Description:
Receive Analog Signal Ground
Signal Type:
Supply
0V. Should be connected to DVSS and TVSS.
Signal Name:
TVSS
Signal Description:
Transmit Analog Signal Ground
Signal Type:
Supply
0V. Should be connected to DVSS and RVSS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com