Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 80 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 80 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 76Page - Dallas Semiconductor DS2155L Datasheet HTML 77Page - Dallas Semiconductor DS2155L Datasheet HTML 78Page - Dallas Semiconductor DS2155L Datasheet HTML 79Page - Dallas Semiconductor DS2155L Datasheet HTML 80Page - Dallas Semiconductor DS2155L Datasheet HTML 81Page - Dallas Semiconductor DS2155L Datasheet HTML 82Page - Dallas Semiconductor DS2155L Datasheet HTML 83Page - Dallas Semiconductor DS2155L Datasheet HTML 84Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 238 page
background image
DS2155
80 of 238
14.4 E-Bit Counter (EBCR)
This counter is only available in E1 mode. E-bit count register 1 (EBCR1) is the most significant word
and EBCR2 is the least significant word of a 16-bit counter that records far-end block errors (FEBE) as
reported in the first bit of frames 13 and 15 on E1 lines running with CRC4 multiframe. These count
registers increment once each time the received E-bit is set to 0. Since the maximum E-bit count in a one-
second period is 1000, this counter cannot saturate. The counter is disabled during loss-of-sync at either
the FAS or CRC4 level; it continues to count if loss-of-multiframe sync occurs at the CAS level.
Register Name:
EBCR1
Register Description:
E-Bit Count Register 1
Register Address:
48h
Bit #
7
6
5
4
3
2
1
0
Name
EB15
EB14
EB13
EB12
EB11
EB10
EB9
EB8
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/E-Bit Counter Bits 8 to 15 (EB8 to EB15). EB15 is the MSB of the 16-bit E-bit count.
Register Name:
EBCR2
Register Description:
E-Bit Count Register 2
Register Address:
49h
Bit #
7
6
5
4
3
2
1
0
Name
EB7
EB6
EB5
EB4
EB3
EB2
EB1
EB0
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/E-Bit Counter Bits 0 to 7 (EB0 to EB7). EB0 is the LSB of the 16-bit E-bit count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com