Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 85 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 85 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 81Page - Dallas Semiconductor DS2155L Datasheet HTML 82Page - Dallas Semiconductor DS2155L Datasheet HTML 83Page - Dallas Semiconductor DS2155L Datasheet HTML 84Page - Dallas Semiconductor DS2155L Datasheet HTML 85Page - Dallas Semiconductor DS2155L Datasheet HTML 86Page - Dallas Semiconductor DS2155L Datasheet HTML 87Page - Dallas Semiconductor DS2155L Datasheet HTML 88Page - Dallas Semiconductor DS2155L Datasheet HTML 89Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 238 page
background image
DS2155
85 of 238
Register Name:
SIGCR
Register Description:
Signaling Control Register
Register Address:
40h
Bit #
7
6
5
4
3
2
1
0
Name
GRSRE
—
—
RFE
RFF
RCCS
TCCS
FRSAO
Default
0
0
0
0
0
0
0
0
Bit 0/Force Receive Signaling All Ones (FRSAO). In T1 mode, this bit forces all signaling data at the RSIG and
RSER pin to all ones. This bit has no effect in E1 mode.
0 = normal signaling data at RSIG and RSER
1 = force signaling data at RSIG and RSER to all ones
Bit 1/Transmit Time Slot Control for CAS Signaling (TCCS). Controls the order that signaling is transmitted
from the transmit signaling registers. This bit should be set = 0 in T1 mode.
0 = signaling data is CAS format
1 = signaling data is CCS format
Bit 2/Receive Time Slot Control for CAS Signaling (RCCS). Controls the order that signaling is placed into the
receive signaling registers. This bit should be set = 0 in T1 mode.
0 = signaling data is CAS format
1 = signaling data is CCS format
Bit 3/Receive Force Freeze (RFF). Freezes receive-side signaling at RSIG (and RSER if receive signaling
reinsertion is enabled); overrides receive freeze enable (RFE). See Section 16.1.2.3 for details.
0 = do not force a freeze event
1 = force a freeze event
Bit 4/Receive Freeze Enable (RFE). See Section 16.1.2.3 for details.
0 = no freezing of receive signaling data occurs
1 = allow freezing of receive signaling data at RSIG (and RSER if receive signaling reinsertion is enabled)
Bits 5, 6/Unused, must be set to 0 for proper operation
Bit 7/Global Receive Signaling Reinsertion Enable (GRSRE). This bit allows the user to reinsert all signaling
channels without programming all channels through the per-channel function.
0 = do not reinsert all signaling
1 = reinsert all signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com