Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 69 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 69 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 65Page - Dallas Semiconductor DS2155L Datasheet HTML 66Page - Dallas Semiconductor DS2155L Datasheet HTML 67Page - Dallas Semiconductor DS2155L Datasheet HTML 68Page - Dallas Semiconductor DS2155L Datasheet HTML 69Page - Dallas Semiconductor DS2155L Datasheet HTML 70Page - Dallas Semiconductor DS2155L Datasheet HTML 71Page - Dallas Semiconductor DS2155L Datasheet HTML 72Page - Dallas Semiconductor DS2155L Datasheet HTML 73Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 238 page
background image
DS2155
69 of 238
12.
I/O PIN CONFIGURATION OPTIONS
Register Name:
IOCR1
Register Description:
I/O Configuration Register 1
Register Address:
01h
Bit #
7
6
5
4
3
2
1
0
Name
RSMS
RSMS2
RSMS1
RSIO
TSDW
TSM
TSIO
ODF
Default
0
0
0
0
0
0
0
0
Bit 0/Output Data Format (ODF)
0 = bipolar data at TPOSO and TNEGO
1 = NRZ data at TPOSO; TNEGO = 0
Bit 1/TSYNC I/O Select (TSIO)
0 = TSYNC is an input
1 = TSYNC is an output
Bit 2/TSYNC Mode Select (TSM). Selects frame or multiframe mode for the TSYNC pin. See the timing
diagrams in Section 35.
0 = frame mode
1 = multiframe mode
Bit 3/TSYNC Double-Wide (TSDW). (Note: This bit must be set to 0 when IOCR1.2 = 1 or when IOCR1.1 = 0.)
0 = do not pulse double-wide in signaling frames
1 = do pulse double-wide in signaling frames
Bit 4/RSYNC I/O Select (RSIO). (Note: This bit must be set to 0 when ESCR.0 = 0.)
0 = RSYNC is an output
1 = RSYNC is an input (only valid if elastic store enabled)
Bit 5/RSYNC Mode Select 1(RSMS1). Selects frame or multiframe pulse when RSYNC pin is in output mode. In
input mode (elastic store must be enabled), multiframe mode is only useful when receive signaling reinsertion is
enabled. See the timing diagrams in Section 35.
0 = frame mode
1 = multiframe mode
Bit 6/RSYNC Mode Select 2 (RSMS2)
T1 Mode: RSYNC pin must be programmed in the output frame mode (IOCR1.5 = 0, IOCR1.4 = 0).
0 = do not pulse double-wide in signaling frames
1 = do pulse double-wide in signaling frames
E1 Mode: RSYNC pin must be programmed in the output multiframe mode (IOCR1.5 = 1, IOCR1.4 = 0).
0 = RSYNC outputs CAS multiframe boundaries
1 = RSYNC outputs CRC4 multiframe boundaries
Bit 7/RSYNC Multiframe Skip Control (RSMS). Useful in framing format conversions from D4 to ESF. This
function is not available when the receive-side elastic store is enabled. RSYNC must be set to output multiframe
pulses (IOCR1.5 = 1 and IOCR1.4 = 0).
0 = RSYNC outputs a pulse at every multiframe
1 = RSYNC outputs a pulse at every other multiframe



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com