Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 31 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 31 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 27Page - Dallas Semiconductor DS2155L Datasheet HTML 28Page - Dallas Semiconductor DS2155L Datasheet HTML 29Page - Dallas Semiconductor DS2155L Datasheet HTML 30Page - Dallas Semiconductor DS2155L Datasheet HTML 31Page - Dallas Semiconductor DS2155L Datasheet HTML 32Page - Dallas Semiconductor DS2155L Datasheet HTML 33Page - Dallas Semiconductor DS2155L Datasheet HTML 34Page - Dallas Semiconductor DS2155L Datasheet HTML 35Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 238 page
background image
DS2155
31 of 238
PIN
LQFP
CSBGA
SYMBOL
TYPE
FUNCTION
51
K10
TSYSCLK
I
Transmit System Clock
52
J9
TSSYNC
I
Transmit System Sync
53
H8
TCHCLK
O
Transmit Channel Clock
54
J10
ESIBS1
I/O
Extended System Information Bus 1
55
G7
MUX
I
Bus Operation
56
H9
D0/AD0
I/O
Data Bus Bit0/Address/Data Bus Bit 0
57
H10
D1/AD1
I/O
Data Bus Bit1/Address/Data Bus Bit 1
58
G8
D2/AD2
I/O
Data Bus Bit 2/Address/Data Bus 2
59
G9
D3/AD3
I/O
Data Bus Bit 3/Address/Data Bus Bit 3
62
F9
D4/AD4
I/O
Data Bus Bit4/Address/Data Bus Bit 4
63
F10
D5/AD5
I/O
Data Bus Bit 5/Address/Data Bus Bit 5
64
F7
D6/AD6
I/O
Data Bus Bit 6/Address/Data Bus Bit 6
65
F6
D7/AD7
I/O
Data Bus Bit 7/Address/Data Bus Bit 7
66
E10
A0
I
Address Bus Bit 0
67
E9
A1
I
Address Bus Bit 1
68
E8
A2
I
Address Bus Bit 2
69
D10
A3
I
Address Bus Bit 3
70
E7
A4
I
Address Bus Bit 4
71
D9
A5
I
Address Bus Bit 5
72
C10
A6
I
Address Bus Bit 6
73
D8
ALE (AS)/A7
I
Address Latch Enable/Address Bus Bit 7
74
B10
RD (DS)
I
Read Input (Data Strobe)
75
C9
CS
I
Chip Select
76
A10
ESIBRD
I/O
Extended System Information Bus Read
77
B9
WR (R/W)
I
Write Input (Read/Write)
78
C8
RLINK
O
Receive Link Data
79
A9
RLCLK
O
Receive Link Clock
82
A8
RCLK
O
Receive Clock
85
A7
RDATA
O
Receive Data
86
C6
RPOSI
I
Receive Positive-Data Input
87
B6
RNEGI
I
Receive Negative-Data Input
88
A6
RCLKI
I
Receive Clock Input
89
D6
RCLKO
O
Receive Clock Output
90
E6
RNEGO
O
Receive Negative-Data Output
91
A5
RPOSO
O
Receive Positive-Data Output
92
B5
RCHCLK
O
Receive Channel Clock
93
C5
RSIGF
O
Receive Signaling-Freeze Output
94
A4
RSIG
O
Receive Signaling Output
95
D5
RSER
O
Receive Serial Data
96
B4
RMSYNC
O
Receive Multiframe Sync
97
A3
RFSYNC
O
Receive Frame Sync
98
C4
RSYNC
I/O
Receive Sync
99
A2
RLOS/LOTC
O
Receive Loss-of-Sync/Loss-of-Transmit Clock
100
B3
RSYSCLK
I
Receive System Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com