Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 67 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 67 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 63Page - Dallas Semiconductor DS2155L Datasheet HTML 64Page - Dallas Semiconductor DS2155L Datasheet HTML 65Page - Dallas Semiconductor DS2155L Datasheet HTML 66Page - Dallas Semiconductor DS2155L Datasheet HTML 67Page - Dallas Semiconductor DS2155L Datasheet HTML 68Page - Dallas Semiconductor DS2155L Datasheet HTML 69Page - Dallas Semiconductor DS2155L Datasheet HTML 70Page - Dallas Semiconductor DS2155L Datasheet HTML 71Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 238 page
background image
DS2155
67 of 238
Register Name:
SR4
Register Description:
Status Register 4
Register Address:
1Ch
Bit #
7
6
5
4
3
2
1
0
Name
RAIS-CI
RSAO
RSAZ
TMF
TAF
RMF
RCMF
RAF
Default
0
0
0
0
0
0
0
0
Bit 0/Receive Align Frame Event (RAF) (E1 Only). Set every 250µs at the beginning of align frames. Used to
alert the host that Si and Sa bits are available in the RAF and RNAF registers.
Bit 1/Receive CRC4 Multiframe Event (RCMF) (E1 Only). Set on CRC4 multiframe boundaries; continues to
set every 2ms on an arbitrary boundary if CRC4 is disabled.
Bit 2/Receive Multiframe Event (RMF)
E1 Mode: Set every 2ms (regardless if CAS signaling is enabled or not) on receive multiframe boundaries.
Used to alert the host that signaling data is available.
T1 Mode: Set every 1.5ms on D4 MF boundaries or every 3ms on ESF MF boundaries.
Bit 3/Transmit Align Frame Event (TAF) (E1 Only). Set every 250µs at the beginning of align frames. Used to
alert the host that the TAF and TNAF registers need to be updated.
Bit 4/Transmit Multiframe Event (TMF)
E1 Mode: Set every 2ms (regardless if CRC4 is enabled) on transmit multiframe boundaries. Used to alert
the host that signaling data needs to be updated.
T1 Mode: Set every 1.5ms on D4 MF boundaries or every 3ms on ESF MF boundaries.
Bit 5/Receive Signaling All-Zeros Event (RSAZ) (E1 Only). Set when over a full MF, time slot 16 contains
all 0s.
Bit 6/Receive Signaling All-Ones Event (RSAO) (E1 Only). Set when the contents of time slot 16 contains fewer
than three 0s over 16 consecutive frames. This alarm is not disabled in the CCS signaling mode.
Bit 7/Receive AIS-CI Event (RAIS-CI) (T1 Only). Set when the receiver detects the AIS-CI pattern as defined in
ANSI T1.403.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com