Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 22 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 22 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 18Page - Dallas Semiconductor DS2155L Datasheet HTML 19Page - Dallas Semiconductor DS2155L Datasheet HTML 20Page - Dallas Semiconductor DS2155L Datasheet HTML 21Page - Dallas Semiconductor DS2155L Datasheet HTML 22Page - Dallas Semiconductor DS2155L Datasheet HTML 23Page - Dallas Semiconductor DS2155L Datasheet HTML 24Page - Dallas Semiconductor DS2155L Datasheet HTML 25Page - Dallas Semiconductor DS2155L Datasheet HTML 26Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 238 page
background image
DS2155
22 of 238
Signal Name:
RCHBLK
Signal Description:
Receive Channel Block
Signal Type:
Output
A user-programmable output that can be forced high or low during any of the 24 T1 or 32 E1 channels.
Synchronous with RCLK when the receive-side elastic store is disabled. Synchronous with RSYSCLK when the
receive-side elastic store is enabled. Useful for blocking clocks to a serial UART or LAPD controller in
applications where not all channels are used such as fractional service, 384kbps service, 768kbps, or ISDN–PRI.
Also useful for locating individual channels in drop-and-insert applications, for external per-channel loopback, and
for per-channel conditioning. See Section 18 for details.
Signal Name:
RSER
Signal Description:
Receive Serial Data
Signal Type:
Output
Received NRZ serial data. Updated on rising edges of RCLK when the receive-side elastic store is disabled.
Updated on the rising edges of RSYSCLK when the receive-side elastic store is enabled.
Signal Name:
RSYNC
Signal Description:
Receive Sync
Signal Type:
Input/Output
An extracted pulse, one RCLK wide, is output at this pin that identifies either frame (IOCR1.5 = 0) or multiframe
(IOCR1.5 = 1) boundaries. If set to output frame boundaries, then through IOCR1.6, RSYNC can also be set to
output double-wide pulses on signaling frames in T1 mode. If the receive-side elastic store is enabled, then this pin
can be enabled to be an input through IOCR1.4, at which a frame or multiframe boundary pulse is applied.
Signal Name:
RFSYNC
Signal Description:
Receive Frame Sync
Signal Type:
Output
An extracted 8kHz pulse, one RCLK wide, is output at this pin that identifies frame boundaries.
Signal Name:
RMSYNC
Signal Description:
Receive Multiframe Sync
Signal Type:
Output
An extracted pulse, one RCLK wide (elastic store disabled) or one RSYSCLK wide (elastic store enabled), is
output at this pin that identifies multiframe boundaries.
Signal Name:
RDATA
Signal Description:
Receive Data
Signal Type:
Output
Updated on the rising edge of RCLK with the data out of the receive-side framer.
Signal Name:
RSYSCLK
Signal Description:
Receive System Clock
Signal Type:
Input
1.544MHz, 2.048MHz, 4.096MHz, or 8.192MHz clock. Only used when the receive-side elastic store function is
enabled. Should be connected low in applications that do not use the receive-side elastic store. See Section 28 for
details on 4.096MHz and 8.192MHz operation using the IBO.
Signal Name:
RSIG
Signal Description:
Receive Signaling Output
Signal Type:
Output
Outputs signaling bits in a PCM format. Updated on rising edges of RCLK when the receive-side elastic store is
disabled. Updated on the rising edges of RSYSCLK when the receive-side elastic store is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com