Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 97 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 97 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 93Page - Dallas Semiconductor DS2155L Datasheet HTML 94Page - Dallas Semiconductor DS2155L Datasheet HTML 95Page - Dallas Semiconductor DS2155L Datasheet HTML 96Page - Dallas Semiconductor DS2155L Datasheet HTML 97Page - Dallas Semiconductor DS2155L Datasheet HTML 98Page - Dallas Semiconductor DS2155L Datasheet HTML 99Page - Dallas Semiconductor DS2155L Datasheet HTML 100Page - Dallas Semiconductor DS2155L Datasheet HTML 101Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 238 page
background image
DS2155
97 of 238
17.1 Idle-Code Programming Examples
Example 1
Sets transmit channel 3 idle code to 7Eh.
Write IAAR = 02h
;select channel 3 in the array
Write PCICR = 7Eh ;set idle code to 7Eh
Example 2
Sets transmit channels 3, 4, 5, and 6 idle code to 7Eh and enables transmission of idle codes for those channels.
Write IAAR = 02h
;select channel 3 in the array
Write PCICR = 7Eh
;set channel 3 idle code to 7Eh
Write PCICR = 7Eh
;set channel 4 idle code to 7Eh
Write PCICR = 7Eh
;set channel 5 idle code to 7Eh
Write PCICR = 7Eh
;set channel 6 idle code to 7Eh
Write TCICE1 = 3Ch
;enable transmission of idle codes for channels 3,4,5, and 6
Example 3
Sets transmit channels 3, 4, 5, and 6 idle code to 7Eh, EEh, FFh, and 7Eh, respectively.
Write IAAR = 02h
Write PCICR = 7Eh
Write PCICR = EEh
Write PCICR = FFh
Write PCICR = 7Eh
Example 4
Sets all transmit idle codes to 7Eh.
Write IAAR = 4xh
Write PCICR = 7Eh
Example 5
Sets all receive and transmit idle codes to 7Eh and enables idle code substitution in all E1 transmit and receive
channels.
Write IAAR = Cxh
;enable block write to all transmit and receive positions in the array
Write PCICR = 7Eh
;7Eh is idle code
Write TCICE1 = FEh
;enable idle code substitution for transmit channels 2 through 8
;Although an idle code was programmed for channel 1 by the block write
;function above, enabling it for channel 1 would step on the frame
;alignment, alarms, and Sa bits
Write TCICE2 = FFh
;enable idle code substitution for transmit channels 9 through 16
Write TCICE3 = FEh
;enable idle code substitution for transmit channels 18 through 24
;Although an idle code was programmed for channel 17 by the block write
;function above, enabling it for channel 17 would step on the CAS frame
;alignment, and signaling information
Write TCICE4 = FFh
;enable idle code substitution for transmit channels 25 through 32
Write RCICE1 = FEh
;enable idle code substitution for receive channels 2 through 8
Write RCICE2 = FFh
;enable idle code substitution for receive channels 9 through 16
Write RCICE3 = FEh
;enable idle code substitution for receive channels 18 through 24
Write RCICE4 = FFh
;enable idle code substitution for receive channels 25 through 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com