Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS2155L Datasheet HTML 1Page - Dallas Semiconductor DS2155L Datasheet HTML 2Page - Dallas Semiconductor DS2155L Datasheet HTML 3Page - Dallas Semiconductor DS2155L Datasheet HTML 4Page - Dallas Semiconductor DS2155L Datasheet HTML 5Page - Dallas Semiconductor DS2155L Datasheet HTML 6Page - Dallas Semiconductor DS2155L Datasheet HTML 7Page - Dallas Semiconductor DS2155L Datasheet HTML 8Page - Dallas Semiconductor DS2155L Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 238 page
background image
1 of 238
REV: 080607
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here: www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2155 is a software-selectable T1, E1, or J1
single-chip transceiver (SCT) for short-haul and
long-haul applications. The DS2155 is composed of a
line interface unit (LIU), framer, HDLC controllers,
and a TDM backplane interface, and is controlled by
an 8-bit parallel port configured for Intel or Motorola
bus operations. The DS2155 is pin and software
compatible with the DS2156.
The LIU is composed of transmit and receive
interfaces and a jitter attenuator. The transmit
interface is responsible for generating the necessary
waveshapes for driving the network and providing
the correct source impedance depending on the type
of media used. T1 waveform generation includes
DSX-1 line buildouts as well as CSU line buildouts
of -7.5dB, -15dB, and -22.5dB. E1 waveform
generation includes G.703 waveshapes for both 75Ω
coax and 120Ω twisted cables. The receive interface
provides network termination and recovers clock and
data from the network.
APPLICATIONS
T1/E1/J1 Line Cards
Switches and Routers
Add-Drop Multiplexers
FEATURES
Complete T1/DS1/ISDN-PRI/J1 Transceiver
Functionality
Complete E1 (CEPT) PCM-30/ISDN-PRI
Transceiver Functionality
Long-Haul and Short-Haul Line Interface for
Clock/Data Recovery and Waveshaping
CMI Coder/Decoder for Optical I/F
Crystal-Less Jitter Attenuator
Fully Independent Transmit and Receive
Functionality
Dual HDLC Controllers
Programmable BERT Generator and Detector
Internal Software-Selectable Receive and
Transmit-Side Termination Resistors for
75Ω/100Ω/120Ω T1 and E1 Interfaces
Dual Two-Frame Elastic-Store Slip Buffers that
Connect to Asynchronous Backplanes Up to
16.384MHz
16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz Clock Output Synthesized to
Recovered Network Clock
Features continued in Section 3.
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2155L
0°C to +70°C
100 LQFP
DS2155L+
0°C to +70°C
100 LQFP
DS2155LN
-40°C to +85°C
100 LQFP
DS2155LN+
-40°C to +85°C
100 LQFP
DS2155G
0°C to +70°C
100 CSBGA
DS2155G+
0°C to +70°C
100 CSBGA
DS2155GN
-40°C to +85°C
100 CSBGA
DS2155GN
-40°C to +85°C
100 CSBGA
+ Denotes a lead-free/RoHS-compliant package.
DS2155
T1/E1/J1 Single-Chip Transceiver
www.maxim-ic.com
DS2155
T1/E1/J1
SCT
T1/E1/J1
NETWORK
BACKPLANE
TDM


Similar Part No. - DS2155L

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2155L MAXIM-DS2155L Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
DS2155L MAXIM-DS2155L Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS2155L+ MAXIM-DS2155L+ Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS2155LN MAXIM-DS2155LN Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
DS2155LN MAXIM-DS2155LN Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results

Similar Description - DS2155L

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
T1/E1/J1 Single Chip Transceiver
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
T1/E1/J1 3.3V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
Octal T1/E1/J1 Transceiver
REV: 012405
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155 Datasheet
1Mb / 240P
T1/E1/J1 Single-Chip Transceiver
100903
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
T1/E1/J1 Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
Single T1/E1/J1 Transceiver
REV: 111606
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
T1/E1/J1 Single-Chip Transceiver
REV: 080607
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com