Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 70 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 70 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 66Page - Dallas Semiconductor DS2155L Datasheet HTML 67Page - Dallas Semiconductor DS2155L Datasheet HTML 68Page - Dallas Semiconductor DS2155L Datasheet HTML 69Page - Dallas Semiconductor DS2155L Datasheet HTML 70Page - Dallas Semiconductor DS2155L Datasheet HTML 71Page - Dallas Semiconductor DS2155L Datasheet HTML 72Page - Dallas Semiconductor DS2155L Datasheet HTML 73Page - Dallas Semiconductor DS2155L Datasheet HTML 74Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 238 page
background image
DS2155
70 of 238
Register Name:
IOCR2
Register Description:
I/O Configuration Register 2
Register Address:
02h
Bit #
7
6
5
4
3
2
1
0
Name
RCLKINV
TCLKINV
RSYNCINV
TSYNCINV
TSSYNCINV
H100EN
TSCLKM RSCLKM
Default
0
0
0
0
0
0
0
0
Bit 0/RSYSCLK Mode Select (RSCLKM)
0 = if RSYSCLK is 1.544MHz
1 = if RSYSCLK is 2.048MHz or IBO enabled (See Section 28 for details on IBO function.)
Bit 1/TSYSCLK Mode Select (TSCLKM)
0 = if TSYSCLK is 1.544MHz
1 = if TSYSCLK is 2.048MHz or IBO enabled (See Section 28 for details on IBO function.)
Bit 2/H.100 SYNC Mode (H100EN)
0 = normal operation
1 = SYNC shift
Bit 3/TSSYNC Invert (TSSYNCINV)
0 = no inversion
1 = invert
Bit 4/TSYNC Invert (TSYNCINV)
0 = no inversion
1 = invert
Bit 5/RSYNC Invert (RSYNCINV)
0 = no inversion
1 = invert
Bit 6/TCLK Invert (TCLKINV)
0 = no inversion
1 = invert
Bit 7/RCLK Invert (RCLKINV)
0 = no inversion
1 = invert



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com