Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 94 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 94 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 90Page - Dallas Semiconductor DS2155L Datasheet HTML 91Page - Dallas Semiconductor DS2155L Datasheet HTML 92Page - Dallas Semiconductor DS2155L Datasheet HTML 93Page - Dallas Semiconductor DS2155L Datasheet HTML 94Page - Dallas Semiconductor DS2155L Datasheet HTML 95Page - Dallas Semiconductor DS2155L Datasheet HTML 96Page - Dallas Semiconductor DS2155L Datasheet HTML 97Page - Dallas Semiconductor DS2155L Datasheet HTML 98Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 238 page
background image
DS2155
94 of 238
Register Name:
SSIE3
Register Description:
Software Signaling Insertion Enable 3
Register Address:
0Ah
Bit #
7
6
5
4
3
2
1
0
Name
CH22
CH21
CH20
CH19
CH18
CH17
CH16
LCAW
Default
0
0
0
0
0
0
0
0
Bit 0/Lower CAS Align/Alarm Word (LCAW). Selects the lower CAS align/alarm bits (xyxx) to be sourced
from the lower 4 bits of the TS1 register.
0 = do not source the lower CAS align/alarm bits from the TS1 register
1 = source the lower CAS alarm align/bits from the TS1 register
Bits 1 to 7/Software Signaling Insertion Enable for LCAW and Channels 16 to 22 (CH16 to CH22). These
bits determine which channels are to have signaling inserted from the transmit signaling registers.
0 = do not source signaling data from the TSx registers for this channel
1 = source signaling data from the TSx registers for this channel
Register Name:
SSIE4
Register Description:
Software Signaling Insertion Enable 4
Register Address:
0Bh
Bit #
7
6
5
4
3
2
1
0
Name
CH30
CH29
CH28
CH27
CH26
CH25
CH24
CH23
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Software Signaling Insertion Enable for Channels 22 to 30 (CH23 to CH30). These bits determine
which channels are to have signaling inserted from the transmit signaling registers.
0 = do not source signaling data from the TSx registers for this channel
1 = source signaling data from the TSx registers for this channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com