Electronic Components Datasheet Search
  English  ▼

X  

DS2155L Datasheet(PDF) 95 Page - Dallas Semiconductor

Part # DS2155L
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155L Datasheet(HTML) 95 Page - Dallas Semiconductor

Back Button DS2155L Datasheet HTML 91Page - Dallas Semiconductor DS2155L Datasheet HTML 92Page - Dallas Semiconductor DS2155L Datasheet HTML 93Page - Dallas Semiconductor DS2155L Datasheet HTML 94Page - Dallas Semiconductor DS2155L Datasheet HTML 95Page - Dallas Semiconductor DS2155L Datasheet HTML 96Page - Dallas Semiconductor DS2155L Datasheet HTML 97Page - Dallas Semiconductor DS2155L Datasheet HTML 98Page - Dallas Semiconductor DS2155L Datasheet HTML 99Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 238 page
background image
DS2155
95 of 238
16.2.3 Software Signaling Insertion-Enable Registers, T1 Mode
In T1 mode, only registers SSIE1–SSIE3 are used since there are only 24 channels in a T1 frame.
Register Name:
SSIE1
Register Description:
Software Signaling Insertion Enable 1
Register Address:
08h
Bit #
7
6
5
4
3
2
1
0
Name
CH8
CH7
CH6
CH5
CH4
CH3
CH2
CH1
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Software Signaling Insertion Enable for Channels 1 to 8 (CH1 to CH8). These bits determine which
channels are to have signaling inserted from the transmit signaling registers.
0 = do not source signaling data from the TSx registers for this channel
1 = source signaling data from the TSx registers for this channel
Register Name:
SSIE2
Register Description:
Software Signaling-Insertion Enable 2
Register Address:
09h
Bit #
7
6
5
4
3
2
1
0
Name
CH16
CH15
CH14
CH13
CH12
CH11
CH10
CH9
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Software Signaling Insertion Enable for Channels 9 to 16 (CH9 to CH16). These bits determine
which channels are to have signaling inserted from the transmit signaling registers.
0 = do not source signaling data from the TSx registers for this channel
1 = source signaling data from the TSx registers for this channel
Register Name:
SSIE3
Register Description:
Software Signaling-Insertion Enable 3
Register Address:
0Ah
Bit #
7
6
5
4
3
2
1
0
Name
CH24
CH23
CH22
CH21
CH20
CH19
CH18
CH17
Default
0
0
0
0
0
0
0
0
Bits 0 to 7/Software Signaling Insertion Enable for Channels 17 to 24 (CH17 to CH24). These bits determine
which channels are to have signaling inserted from the transmit signaling registers.
0 = do not source signaling data from the TSx registers for this channel
1 = source signaling data from the TSx registers for this channel
16.2.4 Hardware-Based Mode
In hardware-based mode, signaling data is input through the TSIG pin. This signaling PCM stream is
buffered and inserted to the data stream being input at the TSER pin.
Signaling data can be inserted on a per-channel basis by the transmit hardware-signaling channel-select
(THSCS) function. The user has the ability to control which channels are to have signaling data from the
TSIG pin inserted into them on a per-channel basis. See Section 7 for details on using this per-channel
(THSCS) feature. The signaling insertion capabilities of the framer are available whether the transmit-
side elastic store is enabled or disabled. If the elastic store is enabled, the backplane clock (TSYSCLK)
can be either 1.544MHz or 2.048MHz. Also, if the elastic is enabled in conjunction with transmit
hardware signaling, CCR3.7 must be set = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com