Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 26 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 26 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 22Page - Texas Instruments PTIOL221RGER Datasheet HTML 23Page - Texas Instruments PTIOL221RGER Datasheet HTML 24Page - Texas Instruments PTIOL221RGER Datasheet HTML 25Page - Texas Instruments PTIOL221RGER Datasheet HTML 26Page - Texas Instruments PTIOL221RGER Datasheet HTML 27Page - Texas Instruments PTIOL221RGER Datasheet HTML 28Page - Texas Instruments PTIOL221RGER Datasheet HTML 29Page - Texas Instruments PTIOL221RGER Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Table 7-8. DO Control (When DO_CQ_TRACK = 1b)
When DO and CQ are set to track (DO_CQ_TRACK set to 1b, DO driver follows the CQ configuration and the DO
configuration is ignored, including the driver modes, current limits and driver settings.
SPI/PIN
DO_CQ_TR
ACK=1b
EN2/TX2/
DO_MODE/
DO_CQ
EN1
TX1
CQ_TX_MO
DE=11
(CQ
disabled)
CQ_Q
NPN Mode
(Per CQ
COnfig)
PNP Mode
(Per CQ
COnfig)
Push-Pull
Mode (Per
CQ COnfig)
H
1b
X
L
L
0
0
Z
Z
Z
H
Z
Z
Z
L
1
Z
H
H
H
Z
H
H
H
L
0
Z
H
H
H
L
Z
L
L
1
Z
H
H
H
Z
H
H
X
X
1
X
Z
Z
Z
Table 7-9. NPN, PNP and Push-Pull Mode Selection in Pin-Mode
SPI/PIN
CS/PP
SDI/NPN
CQ and DO Driver Mode
L
L
L
PNP
L
H
NPN
H
X
Push-Pull
H
X
X
CQ and DO driver modes
selected via SPI interface
7.4.1 CQ and DO Tracking mode
In SPI mode, CQ and DO output drivers can be set to sync with each using only the TX1 as the input and
EN1 as the enable pin using the DO_CQ_TRACK bit setting. When this bit is enabled, both the drivers take
TX1 as the input and are controlled by the EN1 enable pin. The following configurations go into effect when the
DO_CQ_TRACK bit is set:
• DO configuration settings are ignored and CQ configuration settings (overcurrent, blanking time, auto re-try,
CQ_Qimpact both the drivers
• TX2 and EN2 input pins are ignored
• If one of the drivers go into overcurrent or thermal faults, both the drivers are turned-off.
– The interrupt and status bits of only the driver that go into the fault condition are set
7.5 SPI Programming
When SPI/PIN is tied high, TIOL221 is in SPI mode. The SPI communication uses a standard SPI. Physically the
digital interface pins are CS /PP (Chip select active-low), SDI/NPN (SPI Data In), SDO/NFLT2 (SPI Data Out)
and SCK (SPI Clock). Each SPI transaction is initiated by a seven bit address with a R/W bit. The data shifted
out on the SDO pin for the transaction always starts with the register 8'h01[7:0] which is the status register. This
register provides the high-level status information about the device. The data byte which are the ‘response’ to
the address and R/W byte are shifted out next. See Figure 7-5 and Figure 7-6 for SPI read and write frame
diagrams for non-burst mode. See Figure 7-7 and Figure 7-8 for SPI read and write frame diagrams for burst
mode.
The SPI controller must generate clock and data signals in SPI MODE0 (clock polarity CPOL = 0 and clock
phase CPHA = 0) to communicate with TIOL221. The SPI data input data on SDI is sampled on the low to high
edge of SCK. The SPI output data on SDO is changed on the high to low edge of SCK.
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
26
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com