Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 22 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 22 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 18Page - Texas Instruments PTIOL221RGER Datasheet HTML 19Page - Texas Instruments PTIOL221RGER Datasheet HTML 20Page - Texas Instruments PTIOL221RGER Datasheet HTML 21Page - Texas Instruments PTIOL221RGER Datasheet HTML 22Page - Texas Instruments PTIOL221RGER Datasheet HTML 23Page - Texas Instruments PTIOL221RGER Datasheet HTML 24Page - Texas Instruments PTIOL221RGER Datasheet HTML 25Page - Texas Instruments PTIOL221RGER Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
7.3.6.1 Thermal Warning, Thermal Shutdown
The TIOL221 has three separate thermal sensors: one for each of the driver and another one for the LDO.
If the die temperature around the CQ driver exceeds T(WRN), the NFLT1 flag is held low indicating a potential
over temperature problem. When the TJ exceeds T(SDN), the CQ driver is disabled. The LDO and DO driver
remain operational as long as the respective thermal sensors do not exceed T(SDN). As soon as the temperature
drops below the temperature threshold (and after T(HYS)), the internal circuit re-enables the driver, subject to the
state of the EN1 and TX1 pins.
If the die temperature around the DO driver exceeds T(WRN), the NFLT2 flag is held low indicating a potential
over temperature problem. When the TJ exceeds T(SDN), the DO driver is disabled. The LDO and CQ driver
remain operational as long as the respective thermal sensors do not exceed T(SDN). As soon as the temperature
drops below the temperature threshold (and after T(HYS)), the internal circuit re-enables the driver, subject to the
state of the EN2 and TX2 pins.
The thermal sensor near the LDO detects the temperature exceeding the T(SDN). The LDO and both the drivers
are turned off and RESET is held low. As soon as the temperature drops below the temperature threshold (and
after T(HYS)), the internal circuit re-enables the LDO and the drivers and RESET is released after the VOUT is
above the UVLO threshold.
7.3.7 The Integrated Voltage Regulator (LDO)
The TIOL221 has an integrated linear voltage regulator (LDO) which can supply power to external components.
The LDO is capable of delivering up to 20mA. LDO output level is configurable via VSEL pin. When VSEL is
connected to GND, VOUT is configured to provide a 3.3V output with LP as the input supply. When VSEL is
left floating, VOUT provides a 3.3V output, with V5IN as the supply input to reduce the power dissipation in the
device. When VSEL is connected to VOUT, VOUT is set to 5V. The VSEL pin status is detected at power-up and
VOUT output level is determined and latched until the next power-up cycle.
Table 7-5. LDO Output Configuration via VSEL pin
VSEL pin connection
VOUT
Connected to LM
3.3V (supplied from LP)
Floating
3.3V (supplied from V5IN)
Connected to VOUT
5V
When configured for 5V output, the voltage regulator works with input voltage, LP, in the range of 7V to 36V with
respect to LM. When configured for 3.3V output, the regulator can work with either V5IN supply (when VSEL is
floating) or LP supply (when VSEL is connected to VOUT).
Selecting V5IN as the supply input for the 3.3V output on VOUT helps reduce the on-chip power dissipation.
When VSEL is set to be floating, if the V5IN supply is not present or below the V5IN_UVLO threshold, the VOUT
regulator is shut-off and RESET output is active.
The LDO is designed to be stable with standard ceramic capacitors with values of 1μF or larger at the
output. X5R- and X7R-type capacitors are best because they have minimal variation in value and ESR over
temperature. Maximum ESR must be less than 1Ω. With tolerance and dc bias effects, the minimum capacitance
to make sure stability is 1μF.
The voltage regulator has an internal 35mA current limit to protect against initial start up inrush current due to
large decoupling capacitors and accidental short circuit conditions.
7.3.8 Reverse Polarity Protection
Reverse polarity protection circuitry protects the devices against accidental reverse polarity connections to the
LP, CQ, DO, DI and LM pins. Any combinations of the pins can be connected to DC voltages up to 65V (max).
The maximum voltage between any of the pins may not exceed 65V DC at any time.
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com