Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 35 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 35 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 31Page - Texas Instruments PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments PTIOL221RGER Datasheet HTML 37Page - Texas Instruments PTIOL221RGER Datasheet HTML 38Page - Texas Instruments PTIOL221RGER Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
9.2 STATUS Register (Address = 1h) [Reset = 00h]
STATUS is shown in Figure 9-2 and described in Table 9-4.
Return to the Summary Table.
Status registers reflect current status of various fault conditions. They are read-only and cleared automatically
when the fault is cleared. Note: Soft reset does not reset the STATUS register bits as they reflect the current
status of the faults. It is recommended to read the MSB byte when reading the STATUS register because the
POR recovery bit is cleared by the time LSB byte is transferred to data output
Figure 9-2. STATUS Register
7
6
5
4
3
2
1
0
POR_RECOVE
RY
TSD
DI_LEVEL
DO_FAULT
CQ_FAULT
UV_V5
CQ_RX_LEVEL TEMP_WARN
RC-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
R-0b
Table 9-4. STATUS Register Field Descriptions
Bit
Field
Type
Reset
Description
7
POR_RECOVERY
RC
0b
The bit is set when the device recovers from POR event. The bit is
cleared on read
0b = The device is operating normally
1b = The device has recovered from POR event
6
TSD
R
0b
The bit reflects the status of thermal shutdown. The bit is
automatically cleared when temperature falls below thermal
shutdown threshold
0b = No thermal shutdown
1b = Part in thermal shutdown
5
DI_LEVEL
R
0b
This bit is set when DI voltage is logic high and cleared when DI
voltage is logic low Note: This bit is invalid if DI_DIS bit is set to 1.
0b = 0x0
1b = 0x1
4
DO_FAULT
R
0b
The bit reflects the status of DO drive fault
0b = No fault at DO pin
1b = Fault at DO pin
3
CQ_FAULT
R
0b
This bit reflects the status of the CQ driver fault
0b = No fault at CQ pin
1b = Fault at CQ pin
2
UV_V5
R
0b
This bit reflects the status of the UV condition at the V5IN pin
0b = V5IN voltage above UVLO threshold
1b = V5IN below UVLO threshold
1
CQ_RX_LEVEL
R
0b
This bit is set when CQ voltage is logic high and cleared when CQ
voltage is logic low. Note: This bit is invalid if CQ_RX_DIS bit is set
to 1.
0b = 0x0
1b = 0x1
0
TEMP_WARN
R
0b
Shows the status of the device temperature above or below the
temperature warning threshold
0b = No temprature warning
1b = Device temperature is above the warning threshold
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com