Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 42 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 42 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 38Page - Texas Instruments PTIOL221RGER Datasheet HTML 39Page - Texas Instruments PTIOL221RGER Datasheet HTML 40Page - Texas Instruments PTIOL221RGER Datasheet HTML 41Page - Texas Instruments PTIOL221RGER Datasheet HTML 42Page - Texas Instruments PTIOL221RGER Datasheet HTML 43Page - Texas Instruments PTIOL221RGER Datasheet HTML 44Page - Texas Instruments PTIOL221RGER Datasheet HTML 45Page - Texas Instruments PTIOL221RGER Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 54 page
background image
9.9 INT_MASK Register (Address = 8h) [Reset = 00h]
INT_MASK is shown in Figure 9-9 and described in Table 9-11.
Return to the Summary Table.
Interrupt masking registers. When an interrupt is masked, the interrupt pin does not indicate the interrupt but the
interrupt register is still updated to indicate the interrupt.
Figure 9-9. INT_MASK Register
7
6
5
4
3
2
1
0
TSD_INT_MAS
K
WU_INT_MASK DO_FAULT_IN
T_MASK
CQ_FAULT_IN
T_MASK
LPW_INT_MAS
K
RESERVED
UV_V5_INT_M
ASK
TEMP_WARN_
MASK
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R-0b
R/W-0b
R/W-0b
Table 9-11. INT_MASK Register Field Descriptions
Bit
Field
Type
Reset
Description
7
TSD_INT_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
6
WU_INT_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
5
DO_FAULT_INT_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
4
CQ_FAULT_INT_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
3
LPW_INT_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
2
RESERVED
R
0b
Reserved
1
UV_V5_INT_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
0
TEMP_WARN_MASK
R/W
0b
0b = Interrupt active
1b = Interrupt masked
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
42
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com