Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 29 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 29 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 25Page - Texas Instruments PTIOL221RGER Datasheet HTML 26Page - Texas Instruments PTIOL221RGER Datasheet HTML 27Page - Texas Instruments PTIOL221RGER Datasheet HTML 28Page - Texas Instruments PTIOL221RGER Datasheet HTML 29Page - Texas Instruments PTIOL221RGER Datasheet HTML 30Page - Texas Instruments PTIOL221RGER Datasheet HTML 31Page - Texas Instruments PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 54 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
When TIOL221 is connected to an IO-Link controller through a three or four wire interface (Figure 8-1),
the controller can initiate communication and exchange data with a remote node with the TIOL221 IO-Link
transceiver acting as a complete physical layer for the communication.
8.2 Typical Application
TIOL221
ILIM_ADJ1
EN1
TX1
VOUT
CQ
LM
WU
RX1
ILIM_ADJ2
EN2
TX2
DO
RX2
DI
SCK
SDI/NPN
INT/NFLT1
LP
SPI/PIN
CS /PP
Buck
Regulator
GND
5V
4
1
3
2
CQ
L-
DO
L+
V5IN
SDO/NFLT2
Microcontroller
VCC
3.3 V
GND
GND
GND
RESET
R
VOUT
R
VOUT
Figure 8-1. Typical Application Schematic (SPI Mode)
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com