Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 20 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 20 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 16Page - Texas Instruments PTIOL221RGER Datasheet HTML 17Page - Texas Instruments PTIOL221RGER Datasheet HTML 18Page - Texas Instruments PTIOL221RGER Datasheet HTML 19Page - Texas Instruments PTIOL221RGER Datasheet HTML 20Page - Texas Instruments PTIOL221RGER Datasheet HTML 21Page - Texas Instruments PTIOL221RGER Datasheet HTML 22Page - Texas Instruments PTIOL221RGER Datasheet HTML 23Page - Texas Instruments PTIOL221RGER Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
7.3.5 CQ and DI Receivers
RX1 is the output of the CQ receiver. The receiver output is the inverse logic of the CQ input and the receiver
function is summarized in Table 7-3. In pin-mode, the CQ receiver is always on. In SPI mode, in addition to the
RX1 output, the CQ_RX_LEVEL bit in the STATUS register reflects the logic level of CQ bus input level. In SPI
mode, the receiver can be disabled by setting the RX_DIS bit in the CQ_CONFIG register. When the receiver is
disabled, RX1 output is in high-impedance and CQ_RX_LEVEL bit in the status register is invalid.
Table 7-3. CQ Receiver Function
SPI/PIN
CQ VOLTAGE
RX1
CQ_RX_LEVEL bit
COMMENT
L or
(H && RX_DIS =0)
V(CQ) < V(THL)
H
L
Normal receive mode, input low
V(THL) < V(CQ) <
V(THH)
?
?
Indeterminate output, can be either high or low
V(THH) < V(CQ)
L
H
Normal receive mode, input high
Open
?
?
Indeterminate output, can be either high or low
H && RX_DIS =1)
X
Z
Z
Output is in high-Z
RX2 is the output of the DI receiver. The receiver output is the inverse logic of the DI input and the receiver
function is summarized in Table 7-3. In pin-mode, the DI receiver is always on. In SPI mode, in addition to
the RX2 output, the DI_LEVEL bit in the STATUS register reflects the logic level of DI input. In SPI mode, the
receiver can be disabled by setting the DI_DIS bit in the DI_CONFIG register. When the receiver is disabled,
RX2 output is in high-impedance and DI_LEVEL bit in the status register is invalid.
Table 7-4. DI Receiver Function
DI
VOLTAGE
RX2
DI_LEVEL bit
COMMENT
V(DI) < V(THL)
H
L
Normal receive mode, input low
V(THL) < V(DI) < V(THH)
?
?
Indeterminate output, can be either high or low
V(THH) < V(DI)
L
H
Normal receive mode, input high
Open
?
?
Indeterminate output, can be either high or low
7.3.6 Fault Reporting
In the pin mode, NFLT1 pin is driven low if the CQ driver enters overcurrent condition, or if the CQ driver
temperature sensor has exceeded T(WRN). NFLT1 returns to high-impedance as soon as both the fault conditions
clear.
Similarly, NFLT2 pin is driven low if the DO driver enters overcurrent condition, or if the DO driver temperature
sensor has exceeded T(WRN). NFLT1 returns to high-impedance as soon as both the fault conditions clear.
If the LP supply or the VOUT supply fall below their UVLO thresholds, RESET pin goes low. RESET pin goes
high after both LP and VOUT rise above their UVLO thresholds.
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com