Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 16 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 12Page - Texas Instruments PTIOL221RGER Datasheet HTML 13Page - Texas Instruments PTIOL221RGER Datasheet HTML 14Page - Texas Instruments PTIOL221RGER Datasheet HTML 15Page - Texas Instruments PTIOL221RGER Datasheet HTML 16Page - Texas Instruments PTIOL221RGER Datasheet HTML 17Page - Texas Instruments PTIOL221RGER Datasheet HTML 18Page - Texas Instruments PTIOL221RGER Datasheet HTML 19Page - Texas Instruments PTIOL221RGER Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
7 Detailed Description
7.1 Overview
Figure 7-1 shows the functional block diagram of TIOL221. The device has an IO-link compatible channel (CQ),
a digital output driver (DO) and a digital input (DI) interface. The drivers at CQ and DO can be used in either
push-pull, high-side driver (PNP), or low-side driver (NPN) configuration using the CS/PP and SDI/NPN pins in
the pin-mode or via the serial peripheral interface (SPI). The internal receiver on the CQ line converts the 24V
signal to standard logic levels on the receiver data output pin, RX1. Similarly, internal receiver on the DI line
converts the 24V signal to standard logic levels on the receiver data output pin, RX2. A simple parallel interface
is used to receive/transmit data and status information between the device and the local controller.
The device can be configured by using the pins via pin mode (when SPI/PIN is tied low) or using the SPI
interface (when SPI/PIN is tied high). By using the SPI interface, the micro controller can read additional
diagnostics and status information as well as configure the device.
The device has integrated IEC 61000-4-4/5 EFT and surge protection. In addition, tolerance to ±70V transients
enables flexibility to choose from a wider range of TVS diodes if an application requires higher levels of
protection. These integrated robustness features simplify the system level design by reducing external protection
circuitry.
TIOL221 transceiver implements protection features for overcurrent, overvoltage and over-temperature
conditions. The devices also provide a current-limit setting of the driver output current using an external resistor.
The devices derive the low-voltage supply from the IO-Link LP voltage (24V nominal) via an internal linear
regulator to provide power to the local controller and sensor circuitry.
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
16
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com