Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 18 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 18 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 14Page - Texas Instruments PTIOL221RGER Datasheet HTML 15Page - Texas Instruments PTIOL221RGER Datasheet HTML 16Page - Texas Instruments PTIOL221RGER Datasheet HTML 17Page - Texas Instruments PTIOL221RGER Datasheet HTML 18Page - Texas Instruments PTIOL221RGER Datasheet HTML 19Page - Texas Instruments PTIOL221RGER Datasheet HTML 20Page - Texas Instruments PTIOL221RGER Datasheet HTML 21Page - Texas Instruments PTIOL221RGER Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 54 page
background image
by asserting the WU pin low for the duration of tWUL. The IO-Link communication specification requires the
device node to switch to receive mode within 500μs after receiving the wake-up signal.
Table 7-1. Wake-Up Function (tWU1 < t < tWU2)
EN1
TX1
CQ CURRENT
WAKE
COMMENT
L / Open
X
X
Asserts low for tWUL
Device asserts low for tWUL if RX output changes high-
to-low or low-to-high for tWU1 < t < tWU2
H
H / Open
| I(CQ) | ≥ IO(LIM) mA
Asserts low for tWUL
Device receives high-level wake-up request over the
IO-Link bus
H
L
| I(CQ) | ≥ IO(LIM) mA
Asserts low for tWUL
Device receives low-level wake-up request over the IO-
Link bus
For overcurrent conditions shorter or longer than a valid wake-up pulse, the WAKE pin remains in a high-
impedance (inactive) state. This is illustrated in Figure 6-6.
In the SPI-mode, in addition to the WU asserted low, WU_INT bit is set. Wake-up signaling can be disabled in
the SPI-mode by setting the WU_DIS bit to 1b in the DEVICE_CONFIG register. Wake-up detection cannot be
disabled in the pin-mode.
The DO channel of TIOL221 does not recognize wake-up pulses. The DO pin does provide overcurrent limiting
and detection.
7.3.2 Current Limit Configuration
The output current of CQ and DO pins can be configured independently in the pin-mode as well as SPI-mode.
7.3.2.1 Current Limit Configuration in Pin-Mode
In the pin-mode, the current limit of CQ and DO can be configured with an external resistor on the ILIM_ADJ1
and ILIM_ADJ2 pins respectively. The highest current limit setting with an external resistor of 10kΩ provides
a minimum of 300mA over the operating temperature and voltage range. Refer to Table 7-2 for the pin-mode
configuration of the CQ and DO drivers.
Output disable due to current fault and current fault auto recovery features can be disabled by floating
ILIM_ADJ1/2 pins. However, the current fault indication is still active in this configuration. This feature is useful
when driving large capacitance.
When ILIM_ADJ1/2 pins are shorted to ground, the CQ and the DO drivers can configured to be in the IO-link
controller mode. In this mode, the drivers can source or sink minimum of 500mA to generate a wake-up request.
In addition, drivers enable a small current sink of 5mA (minimum) at the driver output pins. The current fault
indication, output disable, and auto recovery features are disabled in this mode.
Table 7-2. Current Limit Configuration in Pin-mode
ILIM_ADJ1/2 Pin
Condition
CQ/DO Current Limit
(Min.)
NFLT1/2 Indication Due
to Current
Fault
Current Fault Blanking
Time (tSC)
Output Disable and Auto
Recovery
RSET resistor to L-
(10kΩ to 110kΩ)
Variable
(35mA to 300mA)
Yes
200µs (typ)
Yes
Connected to L-
(RSET 0 to 5kΩ)
500mA
No
N/A
No
OPEN
260mA
Yes
None (immediate fault
indication)
No
7.3.2.2 Current Limit Configuration in SPI mode
In the SPI mode, CQ and DO driver current limit can be configured via SPI. CQ driver can be configured via
CQ_CURLIM Register. CQ_CURLIM[7:5] register can be used to configure the current limits.
Similarly, DO_CURLIM[7:5] register can be used to configure the current limits for the DO driver.
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
18
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com