Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 5 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 5 Page - Texas Instruments

  PTIOL221RGER Datasheet HTML 1Page - Texas Instruments PTIOL221RGER Datasheet HTML 2Page - Texas Instruments PTIOL221RGER Datasheet HTML 3Page - Texas Instruments PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 54 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
LP, CQ, DO, DI
Steady state voltage for LP, CQ, DO and DI
–65
65
V
Transient pulse width < 100 µs for LP and CQ
–70
70
V
|V(LP) – V(CQ)|, |V(LP) – V(DO)|, |V(LP) – V(DI)|, |
V(CQ) – V(DO)|, |V(CQ) – V(DI)|, |V(DO) – V(DI)|
Voltage drop between bus pins
65
V
VOUT
Regulator output voltage
–0.3
6
V
TX1, TX2, EN1, EN2, VSEL, RX1, RX2,
CS/PP, SDI/NPN, SDO/NFLT2, SCK, INT/
NFLT1, WU, ILIM_ADJ1, ILIM_ADJ2, SPI/PIN
Logic pin voltage
–0.3
min(VOUT+0.3
, 6)
V
Output current
RX1, RX2, WU, INT/NFLT1, SDO/NFLT2,
–5
5
mA
Storage temperature, Tstg
-55
170
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute maximum ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If briefly operating outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not
sustain damage, but it may not be fully functional. Operating the device in this manner may affect device reliability, functionality,
performance, and shorten the device lifetime. All voltages are with reference to the L- pin, unless otherwise specified.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC
JS-001(1)
All pins
±4000
V
V(ESD)
Electrostatic discharge
Charged Device Model (CDM), per ANSI/ESDA/JEDEC
JS-002 (2)
All pins
±750
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 ESD Ratings - IEC Specifications
VALUE
UNIT
V(ESD)
Electrostatic discharge
IEC 61000-4-2 ESD (Contact Discharge), LP, CQ, DO, DI and LM (1) (2)
±8,000
V
Electrostatic discharge
IEC 61000-4-5, 1.2 µs/50 µs Surge with 500 Ω in series, LP, CQ, DO, DI and
LM (1)
±1,200
Electrostatic discharge
IEC 61000-4-4 EFT (Fast transient or burst), LP, CQ, DO, DI and LM (1)
±4,000
(1)
Minimum 100-nF capacitor is required between LP and LM. Minimum 1-µF capacitor is required between VOUT and LM.
(2)
Device requires a minimum 1nF capacitor between the CQ/DO driver output and LM to pass ±8000 V. Passing level is ±4000 V without
the minimum 1nF capacitor
5.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
V(LP)
24V Input Supply Voltage
7
24
36
V
V(V5IN)
5V Input Supply Voltage
5V Input Supply Voltage
4.5
5
5.5
V
V(I)
Logic level input voltage at TX1, TX2, EN1,
EN2,CS/PP, SDI/NPN, SCK, SPI/PIN
3.3 V configuration
3
3.3
3.6
5 V configuration
4.5
5
5.5
V
1/tBIT
Data rate (Communication mode)
250
kbps
I(VOUT)
LDO output current
20
mA
TA
Operating ambient temperature
–40
125
°C
TJ
Junction temperature
-40
150
°C
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com