Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 39 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 39 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments PTIOL221RGER Datasheet HTML 37Page - Texas Instruments PTIOL221RGER Datasheet HTML 38Page - Texas Instruments PTIOL221RGER Datasheet HTML 39Page - Texas Instruments PTIOL221RGER Datasheet HTML 40Page - Texas Instruments PTIOL221RGER Datasheet HTML 41Page - Texas Instruments PTIOL221RGER Datasheet HTML 42Page - Texas Instruments PTIOL221RGER Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
9.6 DIO_CONFIG Register (Address = 5h) [Reset = 0Ch]
DIO_CONFIG is shown in Figure 9-6 and described in Table 9-8.
Return to the Summary Table.
Figure 9-6. DIO_CONFIG Register
7
6
5
4
3
2
1
0
DI_WEAK_PD_
EN
DI_WEAK_PU_
EN
DO_WEAK_PD
_EN
DO_WEAK_PU
_EN
DO_MODE
DO_Q
DI_DIS
R/W-0b
R/W-0b
R/W-0b
R/W-0b
R/W-11b
R/W-0b
R/W-0b
Table 9-8. DIO_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
7
DI_WEAK_PD_EN
R/W
0b
Configures the weak pull-down on DI
0b = Weak pull-down disabled
1b = Weak pull-down enabled
6
DI_WEAK_PU_EN
R/W
0b
Configures the weak pull-up on DI
0b = Weak pull-up disabled
1b = Weak pull-up enabled
5
DO_WEAK_PD_EN
R/W
0b
Configures the weak pull-down on DO when the driver is disabled
0b = Weak pull-down disabled
1b = Weak pull-down enabled
4
DO_WEAK_PU_EN
R/W
0b
Configures the weak pull-up on DO when the driver is disabled
0b = Weak pull-up disabled
1b = Weak pull-up enabled
3-2
DO_MODE
R/W
11b
Configures the DO driver transmission mode
00b = PNP mode
01b = Push-pull mode
10b = NPN mode
11b = Driver disabled
1
DO_Q
R/W
0b
DO driver output logic
0b = DO is in high-impedance when EN2 is low (or DO_DIS is low)
1b = DO driver outputs logic high in push-pull or PNP mode and is
turned-off in NPN mode
0
DI_DIS
R/W
0b
Configures the DI receiver
0b = DI is enabled
1b = DI is disabled
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com