Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 31 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 31 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 27Page - Texas Instruments PTIOL221RGER Datasheet HTML 28Page - Texas Instruments PTIOL221RGER Datasheet HTML 29Page - Texas Instruments PTIOL221RGER Datasheet HTML 30Page - Texas Instruments PTIOL221RGER Datasheet HTML 31Page - Texas Instruments PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 54 page
background image
8.2.2 Detailed Design Procedure
8.2.2.1 Driving Capacitive Loads
These devices are capable of driving capacitive loads on the CQ and DO outputs. Assuming a pure capacitive
load without series/parallel resistance, the maximum capacitance that can be charged without triggering current
fault can be calculated as:
SC
O LIM
LOAD
L
I
x
[
]
t
C
V
(1)
To drive higher capacitive loads and avoid overcurrent condition disabling the driver, the recommendation is to
leave the corresponding ILIM_ADJx pin floating. With ILIM_ADJx pin floating, TIOL221 indicates overcurrent
fault without blanking time delay (tSC) but does not disable the driver. Another approach is to drive high
capacitive loads with a series resistor between the CQ output and the load to avoid overcurrent condition.
Capacitive loads can be connected to LM or LP.
8.2.2.2 Driving Inductive Loads
The TIOL221 is capable of magnetizing and demagnetizing large inductive loads. These devices contain internal
circuitry that enables fast and safe demagnetization when configured as either P-switch or N-switch mode.
In P-switch configuration, the load inductor L is magnetized when the driver (CQ or DO) output is driven high.
When the PNP is turned off, there is a significant amount of negative inductive kick back at the driver output pin.
This voltage is safely clamped internally at about −15V.
Similarly, in N-switch configuration, the load inductor L is magnetized when the driver output is driven low. When
the NPN is turned off, there is a significant amount of positive inductive kick back at the driver output pin. This
voltage is safely clamped internally at about 15V.
The equivalent protection circuits are shown in Figure 8-3 and Figure 8-4. The minimum value of the resistive
load R can be calculated as:
L
)
O LIM
(
V
R
I
(2)
L
R
CQ
L+
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
L-
Figure 8-3. P-Switch Mode
L
R
CQ
L+
Rev.
Polarity
Protection
Rev. Polarity
Protection
ESD and
Surge
Protection
ESD and
Surge
Protection
L-
Figure 8-4. N-Switch Mode
8.3 Power Supply Recommendations
The TIOL221 transceiver is designed to operate from a 24V nominal supply at LP, which can vary by +12V and
-17V from the nominal value to remain within the device recommended supply voltage range of 7V to 36V. This
supply should be buffered with at least a 100nF/100V capacitor.
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com