Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 1 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 1 Page - Texas Instruments

  PTIOL221RGER Datasheet HTML 1Page - Texas Instruments PTIOL221RGER Datasheet HTML 2Page - Texas Instruments PTIOL221RGER Datasheet HTML 3Page - Texas Instruments PTIOL221RGER Datasheet HTML 4Page - Texas Instruments PTIOL221RGER Datasheet HTML 5Page - Texas Instruments PTIOL221RGER Datasheet HTML 6Page - Texas Instruments PTIOL221RGER Datasheet HTML 7Page - Texas Instruments PTIOL221RGER Datasheet HTML 8Page - Texas Instruments PTIOL221RGER Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
1 Features
• 7V to 36V supply voltage
• IO-link configurable CQ output with auxiliary digital
output (DO) and digital input (DI) channels
• Configurable via pin-control or SPI interface
• PNP, NPN or IO-Link configurable CQ output
– IEC 61131-9 COM1, COM2 and COM3 Data
Rate Support
• Output drivers with low power dissipation and high
configurability
– Low RDSON 2.5Ω (typical)
– Active driver current limiting capability
– Configurable driver overcurrent limit:
50mA to 350mA
– Active reverse polarity protection of up to 65V
on LP, CQ, DO and DI
– Safe and fast demagnetization of inductive
loads
• Integrated protection features for robust systems
– Fault indicator for overcurrent, overtemperature
and UVLO faults
– Extended ambient temperature operation:
–40°C to 125°C
– ±8kV IEC 61000-4-2 ESD contact discharge
– ±4kV IEC 61000-4-4 electrical fast transient
– ±1.2kV, 500Ω IEC 61000-4-5 surge
• Large capacitive and inductive load driving
capability
• Integrated LDO provides up to 20mA current
• Optional external regulator input (5V) to reduce
internal power dissipation in the LDO
• Small space-saving package options
– 4mm x 4mm VQFN package
– 2.7mm x 2.7mm DSBGA package
2 Applications
• Field Transmitters and actuators
• Factory automation
• Process automation
• IO-link PHY in remote IO
3 Description
The TIOL221 transceiver integrates dual low-power
output drivers with active reverse polarity protection.
When the device is connected to an IO-Link controller
through a three-wire interface, the controller can
initiate communication, and exchange data with the
remote node while the TIOL221 acts as a complete
physical layer for the communication. The device also
integrates an auxiliary DI channel.
The device is capable of withstanding up to 1.2kV
(500Ω) of IEC 61000-4-5 surge and feature integrated
reverse polarity protection. In addition to the SPI
interface for configurability and expanded diagnostic
capability, a simple pin-programmable interface allows
easy interfacing with the controller circuits. The
output current limit can be configured using either
an external resistor or per-configured limits via SPI
interface. TIOL221 can be configured to generate
wake-up pulse, and be used in IO-link controller
applications. Fault reporting and internal protection
functions are provided for undervoltage, overcurrent
and overtemperature conditions.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
TIOL221
VQFN (24)
4mm x 4mm
DSBGA (25)
2.7mm x 2.7mm
(1)
For more information, see Section 12.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
TIOL221
ILIM_ADJ1
EN1
TX1
VOUT
CQ
LM
WU
RX1
ILIM_ADJ2
EN2
TX2
DO
RX2
DI
SCK
SDI/NPN
INT/NFLT1
LP
SPI/PIN
CS /PP
Buck
Regulator
GND
5V
4
1
3
2
CQ
L-
DO
L+
V5IN
SDO/NFLT2
Microcontroller
VCC
3.3 V
GND
GND
GND
RESET
R
VOUT
R
VOUT
Typical Application Diagram
TIOL221
SLLSFS6 – SEPTEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PTIOL221RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTIOL221RGER TI-PTIOL221RGER Datasheet
1Mb / 58P
TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
DECEMBER 2024
More results

Similar Description - PTIOL221RGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TSB83AA22C TI-TSB83AA22C Datasheet
146Kb / 8P
Phy and OHCI Link Device
SN65HVD100 TI1-SN65HVD100 Datasheet
105Kb / 4P
IO-LINK PHY for Device Nodes
logo
Linear Technology
LT3669 LINER-LT3669_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
LT3669-2 LINER-LT3669-2_15 Datasheet
539Kb / 40P
IO-Link Transceiver with Integrated Step-Down Regulator and LDO
logo
Texas Instruments
SN65HVD101 TI1-SN65HVD101_16 Datasheet
1Mb / 30P
IO-Link PHY for Device Nodes
TSB83AA22C TI1-TSB83AA22C_16 Datasheet
1Mb / 115P
PHY and OHCI Link Device
TIOL111 TI1-TIOL111_19 Datasheet
1Mb / 33P
IO-Link Device Transceivers with Integrated Surge Protection
logo
Dialog Semiconductor
CCE4502 DIALOG-CCE4502 Datasheet
1Mb / 50P
IO-Link Device IC with integrated Frame Handler
CCE4510 DIALOG-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
logo
Renesas Technology Corp
CCE4510 RENESAS-CCE4510 Datasheet
1Mb / 39P
IO-Link Master PHY with integrated Frame Handler
Dec 15, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com