Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 37 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 37 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments PTIOL221RGER Datasheet HTML 37Page - Texas Instruments PTIOL221RGER Datasheet HTML 38Page - Texas Instruments PTIOL221RGER Datasheet HTML 39Page - Texas Instruments PTIOL221RGER Datasheet HTML 40Page - Texas Instruments PTIOL221RGER Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
9.4 CQ_CURLIM Register (Address = 3h) [Reset = 20h]
CQ_CURLIM is shown in Figure 9-4 and described in Table 9-6.
Return to the Summary Table.
CQ Driver current limit and auto-retry configuration
Figure 9-4. CQ_CURLIM Register
7
6
5
4
3
2
1
0
CQ_CUR_LIM
CQ_BL_TIME
CQ_RETRY_TIME
CQ_AUTO_RE
TRY_EN
R/W-001b
R/W-00b
R/W-00b
R/W-0b
Table 9-6. CQ_CURLIM Register Field Descriptions
Bit
Field
Type
Reset
Description
7-5
CQ_CUR_LIM
R/W
001b
Sets current limits
000b = 35 mA (min)
001b = 50 mA (min)
010b = 100 mA (min)
011b = 150 mA (min)
100b = 200 mA (min)
101b = 250 mA (min)
110b = 300 mA (min)
111b = 500 mA (min)
4-3
CQ_BL_TIME
R/W
00b
Sets current blanking time
00b = 200 µs (typ)
01b = 500 µs (typ)
10b = 5 ms (typ)
11b = 0 s (no blanking time)
2-1
CQ_RETRY_TIME
R/W
00b
Sets auto re-try time
00b = 50 ms (typ)
01b = 100 ms (typ)
10b = 200 ms (typ)
11b = 500 ms (typ)
0
CQ_AUTO_RETRY_EN
R/W
0b
Enable auto re-try. When enabled the driver gets disabled after
blanking time and re-enabled after the retry time. When auto retry
is disabled, the driver stays enabled and shut off only after thermal
shutdown NOTE: It is not recommended to enable auto retry when
blanking time is configured to 2b11 (no blanking time) .
0b = Disabled
1b = Enabled
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com