Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 32 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 32 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 28Page - Texas Instruments PTIOL221RGER Datasheet HTML 29Page - Texas Instruments PTIOL221RGER Datasheet HTML 30Page - Texas Instruments PTIOL221RGER Datasheet HTML 31Page - Texas Instruments PTIOL221RGER Datasheet HTML 32Page - Texas Instruments PTIOL221RGER Datasheet HTML 33Page - Texas Instruments PTIOL221RGER Datasheet HTML 34Page - Texas Instruments PTIOL221RGER Datasheet HTML 35Page - Texas Instruments PTIOL221RGER Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
8.4 Layout
8.4.1 Layout Guidelines
• Use of a 4-layer board is recommended for good heat conduction. Use layer 1 (top layer) for control signals,
layer 2 as power ground layer for LM, layer 3 for the 24V supply plane (LP), and layer 4 for the regulated
output supply (VOUT).
• Connect the thermal pad to LM with maximum amount of thermal vias for best thermal performance.
• Use entire planes for LP, VOUT and LM for minimum inductance.
• The LP terminal must be decoupled to ground with a low-ESR ceramic decoupling capacitor. The
recommended minimum capacitor value is 100nF. The capacitor must have a voltage rating of 50V minimum
(100V depending on max sensor supply fault rating) and an X5R or X7R dielectric.
• The optimum placement of the capacitor is closest to the transceiver’s LP and LM terminals to reduce supply
drops during large supply current loads. See Figure 8-5 for a PCB layout example.
• Connect all open-drain control outputs via 10kΩ pull-up resistors to the VOUT plane to provide a defined
voltage potential to the system controller inputs when the outputs are high-impedance.
• If using pin mode, connect the RSET resistor between ILIM_ADJ1/2 and LM, as needed
• Decouple the regulated output voltage at VOUT to ground with a low-ESR, ≥ 1μF, ceramic decoupling
capacitor. The capacitor should have a voltage rating of 10V minimum and an X5R or X7R dielectric.
8.4.2 Layout Example
To MCU
To MCU
WU
TX2
VSEL
nRESET
VOUT
Thermal Pad
GND
CS/PP
RX1
EN1
TX1
V5IN
To MCU
To MCU
RX2
VOUT
To MCU
To MCU
100nF
ILIM_ADJ1
To MCU
Via to VOUT
Via to GND
Via to LP
Figure 8-5. Layout Example (SPI mode shown)
TIOL221
SLLSFS6 – SEPTEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com