Electronic Components Datasheet Search
  English  ▼

X  

PTIOL221RGER Datasheet(PDF) 19 Page - Texas Instruments

Part # PTIOL221RGER
Description  TIOL221 Dual Channel IO-Link Device PHY with Integrated LDO and SPI Interface
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTIOL221RGER Datasheet(HTML) 19 Page - Texas Instruments

Back Button PTIOL221RGER Datasheet HTML 15Page - Texas Instruments PTIOL221RGER Datasheet HTML 16Page - Texas Instruments PTIOL221RGER Datasheet HTML 17Page - Texas Instruments PTIOL221RGER Datasheet HTML 18Page - Texas Instruments PTIOL221RGER Datasheet HTML 19Page - Texas Instruments PTIOL221RGER Datasheet HTML 20Page - Texas Instruments PTIOL221RGER Datasheet HTML 21Page - Texas Instruments PTIOL221RGER Datasheet HTML 22Page - Texas Instruments PTIOL221RGER Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 54 page
background image
7.3.3 CQ Current Fault Detection, Indication and Auto Recovery
If the output current at CQ exceeds the internally-set current limit IO(LIM) for a duration longer than the current
blanking time, tSC, the device detects the condition as an overcurrent fault.
In pin-mode, the INT/NFLT1 pin is driven logic low to indicate a fault condition. The output can be set to either
turn off (auto-recovery mode) or continue to supply the current until the device enters thermal shutdown. The
behavior depends on how the ILIM_ADJ1 pin is connected. See Table 7-2. In the auto-recovery mode, the driver
periodically retries to check if the output is still in the over current condition. In this mode, the output is switched
on for tSC in tSCEN intervals. Current fault auto retry mode can be disabled by setting ILIM_ADJ1 = OPEN or
GND. Current fault blanking time is zero when ILIM_ADJ1=OPEN. See current limit indicator function (t > tSC) for
details.
In SPI-mode, CQ_CURLIM register settings can be used to configure the CQ driver behavior. CQ_CUR_LIM bits
set the current limit whereas the CQ_BL_TIME and CQ_RETRY_TIME set the current fault blanking time and
auto-recovery time respectively. CQ_AUTO_RETRY_EN controls the auto-recovery behavior.
When the driver is disabled, the current limit indicator is inactive.
7.3.4 DO Current Fault Detection, Indication and Auto Recovery
If the output current at DO exceeds the internally-set current limit IO(LIM) for a duration longer than the current
blanking time, tSC, the device detects the condition as an overcurrent fault.
In pin-mode, the SDO/NFLT2 pin is driven logic low to indicate a fault condition. The output can be set to either
turn off (auto-recovery mode) or continue to supply the current until the device enters thermal shutdown. The
behavior depends on how the ILIM_ADJ2 pin is connected. See Table 7-2 In the auto-recovery mode, the driver
periodically retries to check if the output is still in the over current condition. In this mode, the output is switched
on for tSC in tSCEN intervals. Current fault auto retry mode can be disabled by setting ILIM_ADJ2 = OPEN or
GND. Current fault blanking time is zero when ILIM_ADJ2=OPEN.
In SPI-mode, DO_CURLIM register settings can be used to configure the DO driver behavior. DO_CUR_LIM bits
set the current limit whereas the DO_BL_TIME and DO_RETRY_TIME set the current fault blanking time and
auto-recovery time respectively. DO_RETRY_EN controls the auto-recovery behavior.
When the driver is disabled, the current limit indicator is inactive.
www.ti.com
TIOL221
SLLSFS6 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TIOL221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com