Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 41 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 41 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 37Page - PMC-Sierra, Inc PM5316 Datasheet HTML 38Page - PMC-Sierra, Inc PM5316 Datasheet HTML 39Page - PMC-Sierra, Inc PM5316 Datasheet HTML 40Page - PMC-Sierra, Inc PM5316 Datasheet HTML 41Page - PMC-Sierra, Inc PM5316 Datasheet HTML 42Page - PMC-Sierra, Inc PM5316 Datasheet HTML 43Page - PMC-Sierra, Inc PM5316 Datasheet HTML 44Page - PMC-Sierra, Inc PM5316 Datasheet HTML 45Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
22
Document ID: PMC-1990822, Issue 4
Pin Name
Type
Pin
No.
Function
TLRDI1/
TLRDI2/
TLRDI3/
TLRDI4/
/TRCPFP1
/TRCPFP2
/TRCPFP3
/TRCPFP4
Input
A9
C9
E9
D8
A9
C9
E9
D8
The active high transmit RDI (TLRDI1-4) signal controls the insertion
of a remote defect indication in the transmit outgoing stream when
the ring control port is disabled. When TLRDI1-4 is set high, bits 6, 7,
and 8 of the K2 byte are set to the pattern 110. When TLRDI1-4 is
set low, line RDI may also be inserted using the LRDI bit in the TLOP
Control register of the corresponding channel. Line RDI may also be
inserted upon detection of LOS, LOF, or line AIS in the receive
stream, using the bits in the Transmit Line RDI Control register of the
corresponding channel. The TLRDI1-4 input takes precedence over
the TTOH1-4 and TTOHEN1-4 inputs. TLRDI signals are internally
retimed. TLRDI1-4 must be asserted for a minimum period of one
SONET/SHD frame (125 us) to be detected by the SPECTRA-4x155.
Line RDI must be held for a minimum of three SONET/SDH frames
to be compliant to the SONET/SDH standards.
The Transmit ring control port frame position (TRCPFP1-4) signal
identifies bit positions in the transmit ring control port data
(TRCPDAT1-4) when the ring control port is enabled. TRCPFP1-4 is
high during the send line AIS and the send line RDI bit positions in
the TRCPDAT1-4 stream. TRCPFP1-4 is set high for 19 bits
locations prior to those 2 bit locations. These 19 bit locations are
reserved. TRCPFP1–4 is set low during the reserved L-REI clock
cycles. TRCPFP1-4 can be connected directly to the RRCPFP1-4
output of a mate SPECTRA-4x155 in ring-based Add-Drop
multiplexer applications.
The RCPEN bit in the Ring Control register of the corresponding
channel controls the enabling and disabling of the ring control port.
The TRCPFP1-4 signal is sampled on the rising edge of TRCPCLK1-
4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com