Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 71 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 71 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 67Page - PMC-Sierra, Inc PM5316 Datasheet HTML 68Page - PMC-Sierra, Inc PM5316 Datasheet HTML 69Page - PMC-Sierra, Inc PM5316 Datasheet HTML 70Page - PMC-Sierra, Inc PM5316 Datasheet HTML 71Page - PMC-Sierra, Inc PM5316 Datasheet HTML 72Page - PMC-Sierra, Inc PM5316 Datasheet HTML 73Page - PMC-Sierra, Inc PM5316 Datasheet HTML 74Page - PMC-Sierra, Inc PM5316 Datasheet HTML 75Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
52
Document ID: PMC-1990822, Issue 4
• The accepted page.
• The expected page.
Section trace identifier data bytes from the receive stream are written into the capture page. The
expected identifier message is downloaded by the microprocessor into the expected page. On
receipt of a trace identifier byte, it is written into the next location in the capture page. The
received byte is compared with the data from the previous message in the capture page. The
identifier message is accepted if it is received unchanged three times, or optionally, five times.
The accepted message is then compared with the expected message.
If enabled, an interrupt is generated if the accepted message changes from “matching” the
expected message to “mismatching” and vice versa. If the current message differs from the
previous message for eight consecutive messages, the received message is declared unstable. The
received message is declared stable once the received message passes the persistency criterion
(three or five identical receptions) for being accepted. Note: An interrupt may be optionally
generated on entry to and exit from the unstable state. Optionally, line AIS may be inserted in the
received stream when the receive message is in the mismatched or unstable state.
The length of the section trace identifier message is selectable between 16-bytes and 64-bytes.
When programmed for 16-byte messages, the section trace buffer synchronizes to the byte with
the most significant bit set to high and places the byte at the first location in the capture page.
When programmed for 64-byte messages, the section trace buffer synchronizes to the trailing
carriage return (CR = 0DH), line feed (LF = 0AH) sequence and places the next byte at the head
of the capture page. This enables the section trace message to be appropriately aligned for
interpretation by the microprocessor. Synchronization may be disabled. In this case, the memory
acts as a circular buffer.
Mode 2 section trace identifier operation is also supported. For mode 2 support, a stable message
is declared when forty-eight of the same section trace identifier message (J0) bytes are received.
Once in the stable state, an unstable state is declared when one or more errors are detected in
three consecutive 16-byte windows.
10.4
Receive Line Overhead Processor (RLOP)
The Receive Line Overhead Processor block (RLOP) processes the line overhead (multiplexer
section) of the receive STS-3 (STM-1) stream. The block delares the LAIS and LRDI alarms. In
Addition the RLOP detects and accumulates B2 errors, accumulated L-REI and extracts the
K1/K2 APS bytes. The extracted automatic protection switch bytes (K1, K2) are supplied to the
RASE block for further processing and alarm declaration.
An interrupt output is provided that may be activated by declaration or removal of line AIS, line
RDI, protection switching byte failure alarm, a change of APS code value, a single B2 error
event, or a single line REI event. Each interrupt source is individually maskable.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com