Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 45 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 45 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 41Page - PMC-Sierra, Inc PM5316 Datasheet HTML 42Page - PMC-Sierra, Inc PM5316 Datasheet HTML 43Page - PMC-Sierra, Inc PM5316 Datasheet HTML 44Page - PMC-Sierra, Inc PM5316 Datasheet HTML 45Page - PMC-Sierra, Inc PM5316 Datasheet HTML 46Page - PMC-Sierra, Inc PM5316 Datasheet HTML 47Page - PMC-Sierra, Inc PM5316 Datasheet HTML 48Page - PMC-Sierra, Inc PM5316 Datasheet HTML 49Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
26
Document ID: PMC-1990822, Issue 4
Pin Name
Type
Pin
No.
Function
PSLU, PSLM, TIU-P, TIM-P status of the corresponding stream. In
Addition to these alarms, the LOS (LOS), LOF (LOF) or line AIS
(LAIS) in the corresponding STS-3 (STM-1) SONET/SDH streams
can also be reported on RALM. The RPPS RALM Output Control #1
and #2 registers control the selection of alarms to be reported.
RALM is updated on the falling edge of RPOHCLK and may
transition anywhere during the individual STS-1 time slot period.
The loss of pointer signal (LOP) indicates the loss of pointer state in
the corresponding STS-1 (STM-0/AU-3) or STS-3c (STM-1/AU-4)
SONET/SDH stream. LOP is set high when invalid pointers are
received in eight consecutive frames, or if eight consecutive enabled
NDFs are detected in the stream.
The path alarm indication signal (PAIS) indicates the path AIS state
of the corresponding STS-1 (STM-0/AU3) or STS-3c (STM-1/AU4)
SONET/SDH stream. PAIS is set high when an all-ones pattern is
observed in the pointer bytes (H1 and H2) for three consecutive
frames in the stream.
The path remote defect indication signal (PRDI) indicates the path
remote state of the corresponding STS-1 (STM-0/AU-3) or STS-3c
(STM-1/AU-4) SONET/SDH stream. PRDI is set high when the path
RDI alarm bit (bit 5) of the path status (G1) byte is set high for five or
ten consecutive frames. The RDI10 bit in the RPOP Pointer MSB
register controls whether five or ten consecutive frames will cause a
PRDI indication.
The path enhanced remote defect indication signal (PERDI)
indicates the path enhanced remote state of the corresponding STS-
1 (STM-0/AU-3) or STS-3c (STM-1/AU-4) SONET/SDH stream.
PERDI is set high when the path ERDI alarm code (bits 5,6,7) of the
path status (G1) byte is set to the same alarm codepoint for five or
ten consecutive frames. The RDI10 bit in the RPOP Pointer MSB
register controls whether five or ten consecutive frames will cause a
PRDI indication.
The loss of multiframe signal (LOM) indicates the tributary multiframe
synchronization status of the corresponding STS-1 (STM-0/AU3) or
STS-3c (STM-1/AU-4) SONET/SDH stream. LOM is set high if a
correct four frame sequence is not detected in eight frames.
The loss of pointer concatenation and path AIS concatenation
signals (LOPCON and PAISCON) are the concatenated alarms for
STS-3c (STM-1/AU-4) SONET/SDH streams.
The receive path unequipped status (UNEQ) indicates the
unequipped status of the path signal label of the corresponding STS-
1 (STM-0/AU-3) or STS-3c (STM-1/AU-4) SONET/SDH stream.
UNEQ is set high when the filtered path signal label indicates
unequipped and is dependent on the selected UNEQ mode.
The receive path signal label unstable status (PSLU) reports the
stable/unstable status (mode 1) of the path signal label in the
corresponding STS-1 (STM-0/AU-3) or STS-3c (STM-1/AU-4)
SONET/SDH stream. PSLU is set high when the current received C2
byte differs from the previous C2 byte for five consecutive frames.
The receive path signal label mismatch (PSLM) status reports the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com