Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 43 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 43 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 39Page - PMC-Sierra, Inc PM5316 Datasheet HTML 40Page - PMC-Sierra, Inc PM5316 Datasheet HTML 41Page - PMC-Sierra, Inc PM5316 Datasheet HTML 42Page - PMC-Sierra, Inc PM5316 Datasheet HTML 43Page - PMC-Sierra, Inc PM5316 Datasheet HTML 44Page - PMC-Sierra, Inc PM5316 Datasheet HTML 45Page - PMC-Sierra, Inc PM5316 Datasheet HTML 46Page - PMC-Sierra, Inc PM5316 Datasheet HTML 47Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
24
Document ID: PMC-1990822, Issue 4
Pin Name
Type
Pin
No.
Function
RTOHFP1
RTOHFP2
RTOHFP3
RTOHFP4
Output
AH7
AG9
AJ10
AJ12
The receive transport overhead frame position (RTOHFP1-4) signal
is used to locate the most significant bit (MSB) on the RTOH1-4
serial stream.
RTOHFP1-4 is set high when bit 1 (the most significant bit) of the
first framing byte (A1) is present in the RTOH1-4 stream.
RTOHFP1-4 can also be sampled on the rising edge of RSLDCLK1-
4 to locate the MSB of the RSLD1-4 serial output stream. The
generation of this clock is aligned with the generation of RTOHFP1-
4.
RTOHFP1-4 is updated on the falling edge of RTOHCLK1-4.
RPOHCLK
Output
A27
The receive path overhead clock (RPOHCLK1-4) provides timing to
process the B3E signal, receive alarm port (RAD), path Z5 growth
byte (tandem path incoming error count and data link), and to sample
the extracted path overhead of the four STS-3/3c (STM-1/AU-3/AU-
4) streams. RPOHCLK is a nominally 12.96 MHz, 50% duty cycle
clock.
RTCEN and RTCOH are sampled on the rising edge of the
RPOHCLK signal.
B3E, RAD, RALM, RPOH, RPOHEN and RPOHFP are updated on
the falling edge of the RPOHCLK signal.
RPOHFP
Output
C26
The receive path overhead frame position signal (RPOHFP) may be
used to locate the individual path overhead bits in the path overhead
data stream (RPOH). RPOHFP signal is logic one when bit 1 (the
most significant bit) of the path trace byte (J1) of channel one’s first
STS-1 (STM-0/AU-3) or STS-3c (STM-1/AU-4) is present in the
RPOH stream.
RPOHFP may also be used to locate the BIP error count and path
RDI indication bits on the receive alarm port data signal (RAD).
RPOHFP is logic one when the first of eight BIP error positions of
channel one’s first STS-1 (STM-0/AU-3) or STS-3c (STM-1/AU-4)
stream is present on the receive alarm data signal (RAD).
RPOHFP is also used to help find the alignment of the B3E output
and RTCEN/RTCOH inputs.
RPOHFP signal is updated on the falling edge of the RPOHCLK
signal.
RPOH
Output
E25
The receive path overhead data signal (RPOH) contains the path
overhead bytes (J1, B3, C2, G1, F2, H4, Z3, Z4, and Z5) extracted
from the path overhead of the three STS-1 (STM-0/AU-3) streams or
STS-3c (STM-1/AU-4) streams in all four channels. The
corresponding RPOHEN signal is set high to identify the valid
overhead bytes that are presented.
RPOH is updated on the falling edge of RPOHCLK.
RPOHEN
Output
B26
The receive path overhead enable signal (RPOHEN) indicates the
validity of the path overhead bytes extracted to the RPOH from the
path overhead of the three STS-1 (STM-0/AU-3) streams or STS-3c
(STM-1/AU-4) streams in all four channels. When RPOHEN signal is
set high, the corresponding path overhead byte presented on the
RPOH is valid. When RPOHEN is set low, the corresponding path
overhead byte presented on the RPOH is invalid. RPOHEN also



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com