Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 56Page - PMC-Sierra, Inc PM5316 Datasheet HTML 57Page - PMC-Sierra, Inc PM5316 Datasheet HTML 58Page - PMC-Sierra, Inc PM5316 Datasheet HTML 59Page - PMC-Sierra, Inc PM5316 Datasheet HTML 60Page - PMC-Sierra, Inc PM5316 Datasheet HTML 61Page - PMC-Sierra, Inc PM5316 Datasheet HTML 62Page - PMC-Sierra, Inc PM5316 Datasheet HTML 63Page - PMC-Sierra, Inc PM5316 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
41
Document ID: PMC-1990822, Issue 4
Pin Name
Pin Type
Pin
No.
Function
APL[3] set high to mark the path trace byte (J1). Optionally, the
AC1J1V1[3] signal pulses high on the V1 byte to indicate tributary
multiframe boundaries.
Optional marking of the J1 and V1 bytes is controlled using the
DISJ1V1 bit in the TPPS Path Configuration register. Setting
DISJ1V1 bit high enables pointer interpretation on the Add bus.
Valid H1 and H2 pointer bytes must be provided on the Add data
bus signals (AD[23:16]) to allow the J1 position to be identified.
Optionally, the H4 byte could be provided on the Add data bus
signals (AD[23:16]) to allow the V1 position to be identified.
When using the Add bus TSI functionality, the AD[7:0], AD[15:8],
AD[23:16] and AD[31:24] Add buses must be frame aligned to have
the C1 pulses of the associated AC1J1V1 signals high
simultaneously.
AC1J1V1[3] is sampled on the rising edge of ACK.
AFP[3]
U30
The active high Add bus reference frame position signal #3 (AFP[3])
is defined when the AFPEN bit in the Add Bus Configuration register
is set high. AFP[3] indicates when the first byte of the synchronous
payload envelope (SPE byte 1 of STS-1 #1) of the SONET/SDH
stream is available on the AD[31:24] bus. Note that AFP[3] has a
fixed relationship to the SONET/SDH frame; the start of the SPE is
determined by the STS (AU) pointer and may change relative to
AFP[3]. The DISJ1V1 bit in the SPECTRA-4x155 TPPS Path
Configuration register must be set high in this mode to enable
pointer interpretation on the Add bus. Valid H1 and H2 pointer bytes
must be provided on the Add data bus (AD[23:16]) to allow the J1
position to be identified. Optionally, the H4 byte could be provided
on the Add data bus to allow the V1 position to be identified.
When using the Add bus TSI functionality, the AD[7:0], AD[15:8],
AD[23:16] and AD[31:24] Add buses must be frame aligned to have
the C1 pulses of the associated AC1J1V1 signals high
simultaneously.
AFP[3] is sampled on the rising edge of ACK.
AC1J1V1[4]/
Input
AB30
The Add bus composite timing signal #4 (AC1J1V1[4]) is defined
when the AFPEN bit in the Add Bus Configuration is set low.
AC1J1V1[4] identifies the frame and optionally the payload and
tributary multiframe boundaries on the Add data bus signals
AD[31:24]. AC1J1V1[4] pulses high with the Add bus payload active
signal #4 (APL[1]) set low to mark the first STS-1 (STM-0/AU-3)
Identification byte (C1). Optionally, the AC1J1V1[4] pulses high with
APL[4] set high to mark the path trace byte (J1). Optionally, the
AC1J1V1[4] signal pulses high on the V1 byte to indicate tributary
multiframe boundaries.
Optional marking of the J1 and V1 bytes is controlled using the
DISJ1V1 bit in the TPPS Path Configuration register. Setting
DISJ1V1 bit high enables pointer interpretation on the Add bus.
Valid H1 and H2 pointer bytes must be provided on the Add data
bus signals (AD[31:24]) to allow the J1 position to be identified.
Optionally, the H4 byte could be provided on the Add data bus
signals (AD[31:24]) to allow the V1 position to be identified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com