Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 75Page - PMC-Sierra, Inc PM5316 Datasheet HTML 76Page - PMC-Sierra, Inc PM5316 Datasheet HTML 77Page - PMC-Sierra, Inc PM5316 Datasheet HTML 78Page - PMC-Sierra, Inc PM5316 Datasheet HTML 79Page - PMC-Sierra, Inc PM5316 Datasheet HTML 80Page - PMC-Sierra, Inc PM5316 Datasheet HTML 81Page - PMC-Sierra, Inc PM5316 Datasheet HTML 82Page - PMC-Sierra, Inc PM5316 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
60
Document ID: PMC-1990822, Issue 4
inc_req
Majority of I bits inverted + no majority of D bits inverted.
dec_req
Majority of D bits inverted + no majority of I bits inverted.
Notes
1.
Active offset is defined as the accepted current phase of the SPE (VC) in the NORM_state and is
undefined in the other states.
2.
Enabled NDF is defined as the following bit patterns: 1001, 0001, 1101, 1011, 1000.
3.
Disabled NDF is defined as the following bit patterns: 0110, 1110, 0010, 0100, 0111.
4.
The remaining six NDF codes (0000, 0011, 0101, 1010, 1100, 1111) result in an inv_ndf indication.
5.
The ss bits are unspecified in SONET and has bit pattern 10 in SDH.
6.
The use of ss bits in definition of indications may be optionally disabled.
7.
The requirement for previous NDF_enable, inc_ind or dec_ind be more than 3 frames ago may be
optionally disabled.
8.
new_point is also an inv_point.
9.
LOP is not declared if all the following conditions exist:
•
The received pointer is out of range (>782),
•
The received pointer is static,
•
The received pointer can be interpreted, according to majority voting on the I and D bits, as a
positive or negative justification indication,
•
After making the requested justification, the received pointer continues to be interpretable as a
pointer justification.
When the received pointer returns to an in-range value, the SPECTRA-4x155 will interpret it correctly.
10. LOP will exit at the third frame of a three frame sequence consisting of one frame with NDF enabled
followed by two frames with NDF disabled, if all three pointers have the same legal value.
11. For the purposes of 8xNDF_enable only, the requirement of the pointer to be within the range of 0 to
782 may be optionally disabled.
Table 2 defines the transitions indicated in the state diagram.
Table 2 Pointer Interpreter Transition Description
Transition
Description
inc_ind/dec_ind
Offset adjustment (increment or decrement indication).
3 x eq_new_point
Three consecutive equal new_point indications.
NDF_enable
Single NDF_enable indication.
3 x AIS_ind
Three consecutive AIS indications.
8 x inv_point
Eight consecutive inv_point indications.
8 x NDF_enable
Eight consecutive NDF_enable indications.
Notes
1.
The transitions from NORM_state to NORM_state do not represent state changes but imply offset
changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com