Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 63Page - PMC-Sierra, Inc PM5316 Datasheet HTML 64Page - PMC-Sierra, Inc PM5316 Datasheet HTML 65Page - PMC-Sierra, Inc PM5316 Datasheet HTML 66Page - PMC-Sierra, Inc PM5316 Datasheet HTML 67Page - PMC-Sierra, Inc PM5316 Datasheet HTML 68Page - PMC-Sierra, Inc PM5316 Datasheet HTML 69Page - PMC-Sierra, Inc PM5316 Datasheet HTML 70Page - PMC-Sierra, Inc PM5316 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
48
Document ID: PMC-1990822, Issue 4
10
Functional Description
10.1
Receive Line Interface and CRSI
The Receive Line Interface and the Clock Recover/Serial-to-Parallel Convertor (CRSI) blocks
perform PECL conversion, clock and data recovery on the incoming 155.52 Mbit/s data stream,
and serial-to-parallel conversion based on the recovered SONET/SDH A1/A2 framing pattern.
The blocks allow the SPECTRA-4x155 to directly interface with optical modules (ODLs) or
other medium interfaces.
10.1.1 Clock Recovery Unit (CRU)
The clock recovery unit (CRU) inside the CRSI block recovers a clock from the incoming bit
serial data stream. The CRU is fully compliant with SONET/SDH jitter tolerance requirements. It
uses a low frequency 19.44 MHz reference clock to train and monitor its clock recovery phase-
locked loop (PLL). Under LOS conditions, the CRU will continue to output a line rate clock that
is locked to this reference for keep-alive purposes. As part of its feature set, the CRU provides
status bits that indicate whether it is locked to data or to the reference clock. The unit also
supports diagnostic loopback and a LOS input that squelches normal input data.
Initially, the PLL locks to the reference clock, REFCLK. Once the frequency of the recovered
clock is within 488 ppm of the reference clock, the PLL attempts to lock to the data. Once in data
lock, the PLL will revert to the reference clock if no data transitions occur in 80 bit periods or if
the recovered clock drifts beyond approximately 488 ppm of the reference clock.
When the transmit clock is derived from the recovered clock (loop timing), the accuracy of the
transmit clock is directly related to the REFCLK reference accuracy under LOS conditions. In
applications that are required to meet the Telcordia GR-253-CORE SONET Network Element
free-run accuracy specification, the reference must be within +/-20 ppm. When not loop timed,
the REFCLK accuracy may be relaxed to +/-50 ppm.
The loop filter transfer function is optimized to enable the PLL to track the jitter, yet tolerate the
minimum transition density expected in a received SONET/SDH data signal. The total loop
dynamics of the clock recovery PLL yield a jitter tolerance that exceeds the minimum tolerance
proposed for SONET equipment by GR-253-CORE as shown in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com