Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 91 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 91 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 87Page - PMC-Sierra, Inc PM5316 Datasheet HTML 88Page - PMC-Sierra, Inc PM5316 Datasheet HTML 89Page - PMC-Sierra, Inc PM5316 Datasheet HTML 90Page - PMC-Sierra, Inc PM5316 Datasheet HTML 91Page - PMC-Sierra, Inc PM5316 Datasheet HTML 92Page - PMC-Sierra, Inc PM5316 Datasheet HTML 93Page - PMC-Sierra, Inc PM5316 Datasheet HTML 94Page - PMC-Sierra, Inc PM5316 Datasheet HTML 95Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
72
Document ID: PMC-1990822, Issue 4
The operation of the APGM block is identical to that of the DPGM block of RPPS. Refer to
section 10.9.4.
10.10.2 Transmit Pointer Interpreter Processor (TPIP)
The Transmit Pointer Interpreter Processor (TPIP) block of TPPS takes STS-1 (STM-0/AU-3)
SPE (VC-3) or equivalent data stream from the Add bus, interprets the pointer (H1, H2), indicates
the J1 byte location and detects alarm conditions (for example, PAIS).The indicated J1 byte
position will be used only when the APFEN bit in the Add Bus Configuration register is set high
or the DISJ1V1 bit is set high in the TPPS Path Configuration register of a specific TPPS. When
supplying a valid telecom Add interface with valid J1 pulse, the TPIP pointer alarms may still be
used.
Pointer Interpreter
The TPIP block allows the SPECTRA-4x155 to operate with TelecomBus-like back plane
systems that do not indicate the J1 byte position. The TPIP block can be enabled using the
DISJ1V1 bit in the SPECTRA-4x155 Path Configuration register. When enabled, the TPIP takes
a STS-1 (STM-0/AU-3) SONET/SDH stream from the System Side Interface block, processes the
stream, identifies the J1 byte location and provides the stream to the corresponding Transmit
TelecomBus Aligner block. The block will interpret the Add Bus pointer to determine the J1 byte
location. Refer to section 10.9.1 for details of the interpreter state machine.
The same pointer interpreter will be used to determine the J1 byte location when the APFEN
control bit is set high. In this mode the Add bus will only a frame pulse identifying the 1st SPE
byte of the Add bus.
When supplying a valid J1 pulse which is to be used from the Add Bus (DISJ1V1 and AFP set
low), the pointer interpreter will still run and all declared alarms are still valid provided there are
valid H1, H2 pointers on the Add bus. These alarms can also be used to force consequential
actions.
Slave TPIP blocks are also able to verify for a valid concatenation indicator in the H1 and H2
bytes.
The LOP, LOPCON or PAISCON alarms declared by the pointer interpreter block can be used to
force transmit path AIS.
Error Monitoring
Three 16-bit counters are provided to accumulate path BIP-8 errors (B3) and path REI. The
contents of the counters may be transferred to holding registers, and the counters reset under
microprocessor control. Refer to section 10.9.1 for details on error monitoring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com