Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 45Page - PMC-Sierra, Inc PM5316 Datasheet HTML 46Page - PMC-Sierra, Inc PM5316 Datasheet HTML 47Page - PMC-Sierra, Inc PM5316 Datasheet HTML 48Page - PMC-Sierra, Inc PM5316 Datasheet HTML 49Page - PMC-Sierra, Inc PM5316 Datasheet HTML 50Page - PMC-Sierra, Inc PM5316 Datasheet HTML 51Page - PMC-Sierra, Inc PM5316 Datasheet HTML 52Page - PMC-Sierra, Inc PM5316 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
30
Document ID: PMC-1990822, Issue 4
Pin Name
Type
Pin
No.
Function
TSLD1-4.
The TTOC Overhead Control register of the corresponding channel
contains the TSLD_SEL register bit used to select the section or
line DCC. The same register also contains the TSLD_VAL register
bit used to specify a value for the DCC not inserted via TSLD.
TSLD1-4 is sampled on the rising edge of TSLDCLK1-4.
9.7
Transmit Path AIS Insertion Signals
Pin Name
Pin Type
Pin
No.
Function
DPAISCK
Input
D27
The Drop bus path alarm indication clock signal (DPAISCK) provides
timing for system Drop path alarm indication signal (DPAIS).
DPAISCK is a clock of arbitrary phase and frequency within the limits
specified in the A.C. Timing section of this document.
Inputs DPAIS and DPAISFP are sampled on the rising edge of
DPAISCK.
DPAISFP
Input
B28
The active high Drop bus path alarm indication frame pulse signal
(DPAISFP) is used to identify the alignment of the DPAIS signal.
DPAISFP is set high to mark the path request of channel one’s the
first Drop bus STS-1 (STM-0/AU-3) stream or STS-3c (STM-1/AU-4)
stream. In the absence of a frame pulse, the device will maintain the
last alignment and wrap around on its own.
DPAISFP is sampled on the rising edge of DPAISCK.
DPAIS
Input
C27
The active high Drop bus path alarm indication signal (DPAIS) is a
timeslot multiplexed signal that controls the insertion of path alarm
indication signal (PAIS) on the Drop bus (DD[31:24], DD[23:16],
DD[15:8], DD[7:0]) on a per STS-1/STM-1(AU3) or STS-
3c/STM1(AU4)basis.
A high level on DPAIS during a specific timeslot forces the insertion
of the all-ones pattern into the corresponding SPE and the payload
pointer bytes (H1, H2, and H3) presented on the Drop bus. A high
during the first time slot of a channel carrying an STS-3c/STM-
1(AU4) stream will force the entire concatenated SPE to all-ones. A
high during the second or third time slot of a channel carrying an
STS-3c/STM-1(AU4) will have no effect.
Path AIS can also be inserted by setting the IPAIS control bit in the
RTAL Control register or in response to receive alarms by the RPPS
Path AIS Control #1 and #2 registers.
DPAIS may be enabled or disabled on a per slice basis via the
DPAIS_EN bit in the RPPS Path AIS Control register #1.
DPAIS is sampled on the rising edge of DPAISCK.
TPAISCK
Input
E26
The Transmit path alarm indication clock signal (TPAISCK) provides
timing for system Add side path alarm indication signal (PAIS)
assertion.
TPAISCK is a clock of arbitrary phase and frequency within the limits
specified in the A.C. Timing section of this document.
Inputs TPAIS and TPAISFP are sampled on the rising edge of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com