Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 97 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 97 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 93Page - PMC-Sierra, Inc PM5316 Datasheet HTML 94Page - PMC-Sierra, Inc PM5316 Datasheet HTML 95Page - PMC-Sierra, Inc PM5316 Datasheet HTML 96Page - PMC-Sierra, Inc PM5316 Datasheet HTML 97Page - PMC-Sierra, Inc PM5316 Datasheet HTML 98Page - PMC-Sierra, Inc PM5316 Datasheet HTML 99Page - PMC-Sierra, Inc PM5316 Datasheet HTML 100Page - PMC-Sierra, Inc PM5316 Datasheet HTML 101Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
78
Document ID: PMC-1990822, Issue 4
• Z1 bytes of STS-1 #2 and #3.
• Z2 bytes of STS-1 #1 and #2.
10.13 Transmit Line Overhead Processor (TLOP)
The Transmit Line Overhead Processor block (TLOP) processes the line overhead of a transmit
STS-3 (STM-1) stream.
10.13.1 APS Insert
The APS Insert Block of TLOP inserts the two APS channel bytes of the Line Overhead (K1 and
K2) into the transmit stream when enabled by an internal register. The inserted K1 and K2 may
also be overwritten via insertion by the TTOC block.
10.13.2 Line BIP Calculate
The Line BIP Calculate Block of TLOP calculates the line BIP-24/8 error detection code (B2)
based on the line overhead and SPE of the transmit stream. The line BIP-24/8 code is a bit
interleaved parity calculation using even parity. Details are provided in the references. The
calculated BIP-24/8 code is inserted into the B2 byte positions of the following frame. BIP-24/8
errors may be continuously inserted under register control for diagnostic purposes. Errors may be
inserted in the B2 code for diagnostic purposes.
10.13.3 Line RDI Insert
The Line RDI Insert Block of TLOP controls the insertion of RDI. Line RDI may be inserted in
the transmit stream under the control of an external input (TLRDI1-4), or a writeable register. The
bits in the SPECTRA-4x155 Line RDI Control Register controls the immediate insertion of Line
RDI upon detection of various errors in the received SONET/SDH stream. Line RDI may also be
inserted when enabling the Transmit Ring Control port (TRCP) and by setting high the
SENDLRDI bit position. Line RDI is inserted by transmitting the code 110 (binary) in bit
positions 6, 7, and 8 of the K2 byte contained in the transmit stream.
10.13.4 Line REI Insert
The Line REI Insert Block of TLOP accumulates line BIP-24/8 errors (B2) detected by the
Receive Line Overhead Processor and encodes remote error indications in the transmit M1 byte.
Line REI may be inserted automatically in the SONET/SDH stream under the control of the
AUTOLREI bit in the SPECTRA-4x155 Ring Control Register. Receive B2 errors are
accumulated and optionally inserted automatically in bits 2 to 8 of the third Z2/M1 byte of the
transmit STS-3 (STM-1) stream. Up to 24 errors may be inserted per frame.
Line REI may also be inserted when enabling the Transmit Ring Control port (TRCP) and by
setting high the REI bit positions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com