Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 89 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 89 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 85Page - PMC-Sierra, Inc PM5316 Datasheet HTML 86Page - PMC-Sierra, Inc PM5316 Datasheet HTML 87Page - PMC-Sierra, Inc PM5316 Datasheet HTML 88Page - PMC-Sierra, Inc PM5316 Datasheet HTML 89Page - PMC-Sierra, Inc PM5316 Datasheet HTML 90Page - PMC-Sierra, Inc PM5316 Datasheet HTML 91Page - PMC-Sierra, Inc PM5316 Datasheet HTML 92Page - PMC-Sierra, Inc PM5316 Datasheet HTML 93Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
70
Document ID: PMC-1990822, Issue 4
When processing a concatenated stream, individual DPGM blocks, including the master DPGM,
independently monitor their corresponding one third (1 in 3) of the complete PRBS payload
sequence according to the SONET/SDH concatenated mode of the stream. The master DPGM
will be monitoring the partial sequence contained in the 1st (after the transport overhead columns)
and subsequent SPE bytes occurring at a 3-byte interval. The next partial sequence contained in
the 2nd and every third bytes thereafter will be validated by the first (in the order of payload
reception) slave DPGM and so on. Individual DPGM synchronization status and error count
accumulation are provided. Optionally, an interrupt can be generated by the DPGM whenever a
loss of synchronization or re-synchronization occurs.
Path overhead bytes and fixed stuff columns in the receive concatenated stream will be
collectively skipped over as described for the PRBS generator of the DPGM. To ensure that all
payload bytes (all STS-1 (STM-0/AU-3) or equivalent streams) in a concatenated stream together
contain a single PRBS sequence, the signature generation by the master DPGM and signature
matching by the slave DPGM monitors will be performed as described for the PRBS generation.
Individual DPGM can only declared that has synchronized to the receive PRBS sequence when it
has synchronized to its corresponding partial sequence and its has detected no signature
mismatch.
10.9.5 Pointer Justification Monitor
The Pointer Justification Monitor (PMON) of RPPS accumulates pointer justification events
(PJE) events in counters over intervals which are defined by the supplied transfer clock signal.
The counters saturate at 255. Four counters are provided in order to accumulate four types of
events; increment and decrement of receive or transmit pointers. The receive pointer events can
be those of the receive stream before the FIFO or can be those of the Drop bus after rate adaption
in the RTAL FIFO.
When the transfer signal is applied by writing to the TIP register bit, the PMON transfers the
counter values into holding registers and resets the counters to begin accumulating error events
for the next interval. The counters are reset in such a manner that error events occurring during
the reset period are not missed. Writing to internal registers can also trigger this transfer.
10.10 Transmit Path Processing Slice (TPPS)
The Transmit Path Processing Slice (TPPS) generates transport frame alignment, inserts path
overhead and the SPE as well as path level alarm signals and path BIP-8 (B3) for an STS-1
(STM-0/AU-3) SPE (VC-3) or equivalent data stream from the Add bus. Path trace identifier
message (J1 bytes) can also be inserted. Plesiochronous frequency offsets and phase differences,
from normal network operation, between the Add bus and the line are accommodated by pointer
adjustments in the transmit stream. The TPPS can optionally interpret the pointer (H1, H2) and
detect alarm conditions (for example, PAIS) in the STS-1 (STM-0/AU-3) SPE (VC-3) or
equivalent data stream from the Add bus. PRBS payload generation and monitoring is also
supported on a per STS (AU) basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com