Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 72 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 72 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 68Page - PMC-Sierra, Inc PM5316 Datasheet HTML 69Page - PMC-Sierra, Inc PM5316 Datasheet HTML 70Page - PMC-Sierra, Inc PM5316 Datasheet HTML 71Page - PMC-Sierra, Inc PM5316 Datasheet HTML 72Page - PMC-Sierra, Inc PM5316 Datasheet HTML 73Page - PMC-Sierra, Inc PM5316 Datasheet HTML 74Page - PMC-Sierra, Inc PM5316 Datasheet HTML 75Page - PMC-Sierra, Inc PM5316 Datasheet HTML 76Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
53
Document ID: PMC-1990822, Issue 4
10.4.1 Line RDI Detect
The Line RDI Detect Block within the RLOP detects the presence of remote defect indication
(LRDI) in the receive stream. Line RDI is declared when a 110 binary pattern is detected in bits
6, 7, and 8 of the K2 byte, for three or five consecutive frames. Line RDI is removed when any
pattern other than 110 is detected in bits 6, 7, and 8 of the K2 byte for three or five consecutive
frames. The LRDI signal is optionally reported on the SALM output pin when enabled by the
LRDISALM Section Alarm Output Control #2 Register bit.
10.4.2 Line AIS Detect
The Line AIS Block detects the presence of an alarm indication signal (LAIS) in the receive
stream. Line AIS is declared when a 111 binary pattern is detected in bits 6, 7, and 8 of the K2
byte, for three or five consecutive frames. Line AIS is removed when any pattern other than 111
is detected in bits 6, 7, and 8 of the K2 byte for three or five consecutive frames. The LRDI signal
is optionally reported on the SALM output pin when enabled by the LAISSALM Section Alarm
Output Control #1 Register bit.
10.4.3 Error Monitor Block
The Error Monitor Block calculates the received line BIP-8 error detection codes based on the
Line Overhead bytes and SPEs of the STS-3 (STM-1) stream. The line BIP-8 code is a bit
interleaved parity calculation using even parity. Details are provided in the references. The
calculated BIP-8 codes are compared with the BIP-8 codes extracted from the following frame.
Any differences indicate that a line layer bit error has occurred. As well, the RLOP can be
configured to count a maximum of only one BIP error per frame. Accumulated B2 errors are
passed to the RASE block for processing and the declaration of signal degrade and signal failure.
This block also extracts the line REI code from the M1 byte. The REI code is contained in bits 2
to 8 of the M1 byte, and represents the number of line BIP-8 errors that were detected in the last
frame by the far end. The REI code value has 25 legal values (0 to 24) for an STS-3 (STM-1)
stream. Illegal values are interpreted as zero errors.
The Error Monitor Block accumulates B2 error events and REI events in two 20-bit saturating
counters that can be read via the microprocessor interface. The contents of these counters may be
transferred to internal holding registers by writing to any one of the counter addresses, or by
using the TIP register bit feature. During a transfer, the counter value is latched and the counter is
reset to zero (or one, if there is an outstanding event). Note: these counters should be polled at
least once per second to avoid saturation.
The B2 error event and REI event counters can be optionally configured to accumulate only
“word” errors. A B2 word error is defined as the occurrence of one or more B2 bit error events
during a frame. In STS-3 (STM-1) framing, a REI word event is defined as the occurrence of one
or more REI bit events during a frame. The B2 error or REI event counter is incremented by one
for each frame in which a B2 word error or REI event occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com