Electronic Components Datasheet Search
  English  ▼

X  

PM5316 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM5316
Description  SONET/SDH Payload Extractor/Aligner(4 x 155 Mbit/s)
PDF  491 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5316 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM5316 Datasheet HTML 57Page - PMC-Sierra, Inc PM5316 Datasheet HTML 58Page - PMC-Sierra, Inc PM5316 Datasheet HTML 59Page - PMC-Sierra, Inc PM5316 Datasheet HTML 60Page - PMC-Sierra, Inc PM5316 Datasheet HTML 61Page - PMC-Sierra, Inc PM5316 Datasheet HTML 62Page - PMC-Sierra, Inc PM5316 Datasheet HTML 63Page - PMC-Sierra, Inc PM5316 Datasheet HTML 64Page - PMC-Sierra, Inc PM5316 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 491 page
background image
SONET/SDH Payload Extractor/Aligner (SPECTRA-4x155)
Production
Proprietary and Confidential to PMC-Sierra, Inc. and for its customers’ internal use
42
Document ID: PMC-1990822, Issue 4
Pin Name
Pin Type
Pin
No.
Function
When using the Add bus TSI functionality, the AD[7:0], AD[15:8],
AD[23:16] and AD[31:24] Add buses must be frame aligned to have
the C1 pulses of the associated AC1J1V1 signals high
simultaneously.
AC1J1V1[4] is sampled on the rising edge of ACK.
AFP[4]
AB30
The active high Add bus reference frame position signal #4 (AFP[4])
is defined when the AFPEN bit in the Add Bus Configuration is set
high. AFP[4] indicates when the first byte of the synchronous
payload envelope (SPE byte 1 of STS-1 #1) of the SONET/SDH
stream is available on the AD[31:24] bus. Note that AFP[4] has a
fixed relationship to the SONET/SDH frame; the start of the SPE is
determined by the STS (AU) pointer and may change relative to
AFP[4]. The DISJ1V1 bit in the TPPS Path Configuration register
must be set high in this mode to enable pointer interpretation on the
Add bus. Valid H1 and H2 pointer bytes must be provided on the
Add data bus (AD[31:24]) to allow the J1 position to be identified.
Optionally, the H4 byte could be provided on the Add data bus to
allow the V1 position to be identified.
When using the Add bus TSI functionality, the AD[7:0], AD[15:8],
AD[23:16] and AD[31:24] Add buses must be frame aligned to have
the C1 pulses of the associated AC1J1V1 signals high
simultaneously.
AFP[4] is sampled on the rising edge of ACK.
ADP[1]
Input
G28
The Add bus data parity signal #1 (ADP[1]) indicates the parity of
the Add bus #1 signals. The Add data bus (AD[7:0]) is always
included in parity calculations. Register bits in the Add Bus
Configuration register control the inclusion of the APL[1] and
AC1J1V1[1]/AFP[1] signals in parity calculations and the sense
(odd/even) of the parity.
ADP[1] is sampled on the rising edge of ACK.
ADP[2]
Input
M28
The Add bus data parity signal #2 (ADP[2]) indicates the parity of
the Add bus #2 signals. The Add data bus (AD[15:8]) is always
included in parity calculations. Register bits in the Add Bus
Configuration register control the inclusion of the APL[2] and
AC1J1V1[2]/AFP[2] signals in parity calculations and the sense
(odd/even) of the parity.
ADP[2] is sampled on the rising edge of ACK.
ADP[3]
Input
W31
The Add bus data parity signal #3 (ADP[3]) indicates the parity of
the Add bus #3 signals. The Add data bus (AD[23:16]) is always
included in parity calculations. Register bits in the Add Bus
Configuration register control the inclusion of the APL[3] and
AC1J1V1[3]/AFP[3] signals in parity calculations and the sense
(odd/even) of the parity.
ADP[3] is sampled on the rising edge of ACK.
ADP[4]
Input
AD30
The Add bus data parity signal #4 (ADP[4]) indicates the parity of
the Add bus #4 signals. The Add data bus (AD[31:24]) is always
included in parity calculations. Register bits in the Add Bus
Configuration register control the inclusion of the APL[4] and
AC1J1V1[4]/AFP[4] signals in parity calculations and the sense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com