Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 121 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 121 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 117Page - Integrated Device Technology STAC9202 Datasheet HTML 118Page - Integrated Device Technology STAC9202 Datasheet HTML 119Page - Integrated Device Technology STAC9202 Datasheet HTML 120Page - Integrated Device Technology STAC9202 Datasheet HTML 121Page - Integrated Device Technology STAC9202 Datasheet HTML 122Page - Integrated Device Technology STAC9202 Datasheet HTML 123Page - Integrated Device Technology STAC9202 Datasheet HTML 124Page - Integrated Device Technology STAC9202 Datasheet HTML 125Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
121
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.23.5.
ADC0InMux LR
5.23.6.
ADC0InMux OutAmpCap
Table 284. ADC0InMux LR Command Verb Format
Verb ID
Payload
Response
Get
F0C
00
See bitfield table
Set1
70C
See bits [7:0] of bitfield table
0000_0000h
Table 285. ADC0InMux LR Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:3]
Rsvd2
R
0x0
Reserved
[2]
SwapEn
RW
0x0
1 = swap left and right channels of this Widget.
[1:0]
Rsvd1
R
0x0
Reserved
Table 286. ADC0InMux OutAmpCap Command Verb Format
Verb ID
Payload
Response
Get
F00
12
See bitfield table
Table 287. ADC0InMux OutAmpCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31]
Mute
R
0x1
Amplifier is capable of muting
[30:23]
Rsvd3
R
0x0
Reserved
[22:16]
StepSize
R
0x00
Size of each step in the gain range, N/A
since there are no steps
[15]
Rsvd2
R
0x0
Reserved
[14:8]
NumSteps
R
0x00
No steps, gain is fixed at 0dB
[7]
Rsvd1
R
0x0
Reserved
[6:0]
Offset
R
0x00
0dB-step is programmed with this offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com