Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 119 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 119 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 115Page - Integrated Device Technology STAC9202 Datasheet HTML 116Page - Integrated Device Technology STAC9202 Datasheet HTML 117Page - Integrated Device Technology STAC9202 Datasheet HTML 118Page - Integrated Device Technology STAC9202 Datasheet HTML 119Page - Integrated Device Technology STAC9202 Datasheet HTML 120Page - Integrated Device Technology STAC9202 Datasheet HTML 121Page - Integrated Device Technology STAC9202 Datasheet HTML 122Page - Integrated Device Technology STAC9202 Datasheet HTML 123Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
119
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.23.2.
ADC0InMux ConnLen
[10]
PwrCntrl
R
0x0
No support for Power State control
[9]
DigitalStrm
R
0x0
Widget supports an Analog stream
[8]
ConnList
R
0x1
Connection list is present
[7]
UnsolCap
R
0x0
No support for Unsolicited Response
[6]
ProcWidget
R
0x0
No Processing Controls parameter.
[5]
Stripe
R
0x0
No support for striping
[4]
FormatOvrd
R
0x0
No format info; use default format parameters
from Audio Function node instead
[3]
AmpParamOvrd
R
0x1
This widget contains its own amplifier
parameters.
[2]
OutAmpPrsnt
R
0x1
Output amp is present
[1]
InAmpPrsnt
R
0x0
No input amp
[0]
Stereo
R
0x1
Stereo widget
Table 278. ADC0InMux ConnLen Command Verb Format
Verb ID
Payload
Response
Get
F00
0E
See bitfield table
Table 279. ADC0InMux ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6:0]
N
R
0x02
Number of NID entries in connection list.
2h if Dig Mic is available,
1h if it is disabled by bond option.
Table 277. ADC0InMux WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com