Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 116 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 116 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 112Page - Integrated Device Technology STAC9202 Datasheet HTML 113Page - Integrated Device Technology STAC9202 Datasheet HTML 114Page - Integrated Device Technology STAC9202 Datasheet HTML 115Page - Integrated Device Technology STAC9202 Datasheet HTML 116Page - Integrated Device Technology STAC9202 Datasheet HTML 117Page - Integrated Device Technology STAC9202 Datasheet HTML 118Page - Integrated Device Technology STAC9202 Datasheet HTML 119Page - Integrated Device Technology STAC9202 Datasheet HTML 120Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
116
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.22.2.
PCBeep WCap
Table 269. PCBeep Vol Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd2
R
0x0
Reserved
[7]
Mute
RW
0x1
1 = mute is active
[6:2]
Rsvd1
R
0x0
Reserved
[1:0]
Gain
RW
0x3
Mono (left) amplifier gain step number
Table 270. PCBeep WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 271. PCBeep WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd3
R
0x0
Reserved
[23:20]
Type
R
0x7
Widget type = Beep Generator
[19:4]
Rsvd2
R
0x0
Reserved
[3]
AmpParamOvrd
R
0x1
This widget contains its own amplifier
parameters.
[2]
OutAmpPrsnt
R
0x1
Output amp is present
[1]
InAmpPrsnt
R
0x0
N/A
[0]
Stereo
R
0x0
Mono widget



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com