Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 112 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 112 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 108Page - Integrated Device Technology STAC9202 Datasheet HTML 109Page - Integrated Device Technology STAC9202 Datasheet HTML 110Page - Integrated Device Technology STAC9202 Datasheet HTML 111Page - Integrated Device Technology STAC9202 Datasheet HTML 112Page - Integrated Device Technology STAC9202 Datasheet HTML 113Page - Integrated Device Technology STAC9202 Datasheet HTML 114Page - Integrated Device Technology STAC9202 Datasheet HTML 115Page - Integrated Device Technology STAC9202 Datasheet HTML 116Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
112
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.20.3.
CDPin Ctl
5.20.4.
CDPin Config
[4]
OutCap
R
0x0
Pin complex is not output capable.
[3]
HPhnDrvCap
R
0x0
Pin does not have a headphone amplifier.
[2]
PresDtctCap
R
0x0
Pin complex cannot perform Presence
Detect.
[1]
TrigRqd
R
0x0
N/A
[0]
ImpSenseCap
R
0x0
Pin complex does not support impedance
sense.
Table 258. CDPin Ctl Command Verb Format
Verb ID
Payload
Response
Get
F07
00
See bitfield table
Set1
707
See bits [7:0] of bitfield table
0000_0000h
Table 259. CDPin Ctl Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:6]
Rsvd2
R
0x0
Reserved
[5]
InEn
RW
0x1
1 = (CODEC) input path of Pin Widget is
enabled (un-muted)
[4:0]
Rsvd1
R
0x0
Reserved
Table 260. CDPin Config Command Verb Format
Verb ID
Payload
Response
Get
F1C
00
See bitfield table
Set1
71C
See bits [7:0] of bitfield table
0000_0000h
Table 257. CDPin Cap Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com