Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 115 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 115 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 111Page - Integrated Device Technology STAC9202 Datasheet HTML 112Page - Integrated Device Technology STAC9202 Datasheet HTML 113Page - Integrated Device Technology STAC9202 Datasheet HTML 114Page - Integrated Device Technology STAC9202 Datasheet HTML 115Page - Integrated Device Technology STAC9202 Datasheet HTML 116Page - Integrated Device Technology STAC9202 Datasheet HTML 117Page - Integrated Device Technology STAC9202 Datasheet HTML 118Page - Integrated Device Technology STAC9202 Datasheet HTML 119Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
115
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.21.3.
MonoOutMix ConnLst
5.22. PCBeep Node (NID = 0x13)
5.22.1.
PCBeep Vol
Table 265. MonoOutMix ConnLen Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:8]
Rsvd
R
0x0
Reserved.
[7]
LongForm
R
0x0
Connection list uses short-form (7-bit) NID
entries.
[6:0]
N
R
0x01
Number of NID entries in connection list.
Table 266. MonoOutMix ConnLst Command Verb Format
Verb ID
Payload
Response
Get
F02
00
See bitfield table
Table 267. MonoOutMix ConnLst Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Entry3
R
0x00
Unused list entry.
[23:16]
Entry2
R
0x00
Unused list entry.
[15:8]
Entry1
R
0x00
Unused list entry.
[7:0]
Entry0
R
0x06
DAC Mux widget.
Table 268. PCBeep Vol Command Verb Format
Verb ID
Payload
Response
Get
BA0
00
See bitfield table
Set1
3A0
See bits [7:0] of bitfield table
0000_0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com