Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 113 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 113 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 109Page - Integrated Device Technology STAC9202 Datasheet HTML 110Page - Integrated Device Technology STAC9202 Datasheet HTML 111Page - Integrated Device Technology STAC9202 Datasheet HTML 112Page - Integrated Device Technology STAC9202 Datasheet HTML 113Page - Integrated Device Technology STAC9202 Datasheet HTML 114Page - Integrated Device Technology STAC9202 Datasheet HTML 115Page - Integrated Device Technology STAC9202 Datasheet HTML 116Page - Integrated Device Technology STAC9202 Datasheet HTML 117Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
113
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.21. MonoOutMix Node (NID = 0x12)
5.21.1.
MonoOutMix WCap
Set2
71D
See bits [15:8] of bitfield table
0000_0000h
Set3
71E
See bits [23:16] of bitfield table
0000_0000h
Set4
71F
See bits [31:24] of bitfield table
0000_0000h
Table 261. CDPin Config Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:30]
Port
RW
0x2
External Port Connectivity of the Pin Complex.
2 = fixed function device
[29:24]
Location
RW
0x10
Physical location of the jack. 10h = Internal, N/A
[23:20]
Device
RW
0x3
Default Device, indicating intended use of jack.
3 = CD
[19:16]
Connection
RW
0x3
Connection Type. 3 = ATAPI internal
[15:12]
Color
RW
0x0
Color of physical jack. 0 = Unknown
[11:8]
Misc
RW
0x1
Misc[0] = Jack Detect override.
[7:4]
Assoc
RW
0x2
Default Association for Pin Complex groups.
Reserved value 0000b should not be used.
Value 1111b indicates lowest priority.
[3:0]
Sequence
RW
0x2
All Widgets in an association must have unique
sequence number.
Table 262. MonoOutMix WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 260. CDPin Config Command Verb Format
Verb ID
Payload
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com