Electronic Components Datasheet Search
  English  ▼

X  

STAC9202 Datasheet(PDF) 110 Page - Integrated Device Technology

Part # STAC9202
Description  2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH
PDF  135 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9202 Datasheet(HTML) 110 Page - Integrated Device Technology

Back Button STAC9202 Datasheet HTML 106Page - Integrated Device Technology STAC9202 Datasheet HTML 107Page - Integrated Device Technology STAC9202 Datasheet HTML 108Page - Integrated Device Technology STAC9202 Datasheet HTML 109Page - Integrated Device Technology STAC9202 Datasheet HTML 110Page - Integrated Device Technology STAC9202 Datasheet HTML 111Page - Integrated Device Technology STAC9202 Datasheet HTML 112Page - Integrated Device Technology STAC9202 Datasheet HTML 113Page - Integrated Device Technology STAC9202 Datasheet HTML 114Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 135 page
background image
STAC9202
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
PC AUDIO
IDT™
2-CHANNEL HIGH DEFINITION AUDIO CODEC WITH DUAL DIGITAL MICROPHONE INTERFACES
110
STAC9202
V 1.1 102606
IDT CONFIDENTIAL
5.20. CDPin Node (NID = 0x11)
5.20.1.
CDPin WCap
[23:20]
Device
RW
0x0
Default Device, indicating intended use of jack.
0 = Line Out
[19:16]
Connection
RW
0x7
Connection Type. 7 = Other Analog
[15:12]
Color
RW
0x0
Color of physical jack. 0 = Unknown
[11:8]
Misc
RW
0x1
Misc[0] = Jack Detect override.
[7:4]
Assoc
RW
0xF
Default Association for Pin Complex groups.
Reserved value 0000b should not be used.
Value 1111b indicates lowest priority.
[3:0]
Sequence
RW
0x0
All Widgets in an association must have unique
sequence number.
Table 254. CDPin WCap Command Verb Format
Verb ID
Payload
Response
Get
F00
09
See bitfield table
Table 255. CDPin WCap Command Response Format
Bit
Bitfield Name
RW
Reset
Description
[31:24]
Rsvd2
R
0x0
Reserved
[23:20]
Type
R
0x4
Widget type = Pin Complex
[19:16]
Delay
R
0x0
Number of sample delays through widget
[15:12]
Rsvd1
R
0x0
Reserved
[11]
SwapCap
R
0x0
No left/right channel swap capability
[10]
PwrCntrl
R
0x0
No support for Power State control
[9]
DigitalStrm
R
0x0
Widget supports an Analog stream
Table 253. MonoOutPin Config Command Response Format
Bit
Bitfield Name
RW
Reset
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com